Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS74201RGWTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS74201RGWTG4
Descripción Electrónicos  1.5A Ultra-LDO with Programmable Soft-Start
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS74201RGWTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS74201RGWTG4 Datasheet HTML 4Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 5Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 6Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 7Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 8Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 9Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 10Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 11Page - Texas Instruments TPS74201RGWTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
10mV/div
10mV/div
10mV/div
10mV/div
1V/div
Time(50 s/div)
m
C
=1000 F
OUT
m
C
=100 F
OUT
m
C
=10 F
OUT
m
C
=0 F
OUT
m
1V/ s
m
10mV/div
10mV/div
10mV/div
10mV/div
500mV/div
Time(50 s/div)
m
C
=2x470 F(OSCON)
m
OUT
C
=100 F(Cer.)
OUT
m
C
=10 F(Cer.)
OUT
m
C
=0 F
OUT
m
1V/ s
m
1V/div
1V/div
Time(1ms/div)
C
=0 F
SS
m
C
=0.001 F
SS
m
C
=0.0047 F
SS
m
V
OUT
V
EN
0V
1.2V
50mV/div
50mV/div
50mV/div
50mV/div
1A/div
Time(50 s/div)
m
C
=0 F
OUT
m
C
=10 F(Cer.)
OUT
m
C
=100 F(Cer.)
OUT
m
C
=2x470 F(OSCON)
OUT
m
1A/ s
m
1.5A
50mA
Time(20ms/div)
V
(500mV/div)
PG
V
OUT
V
=V
=V
IN
BIAS
EN
2.85
2.65
2.45
2.25
2.05
1.85
1.65
1.45
1.25
0
0.5
1.0
I
(A)
OUT
1.5
+125 C
°
+25 C
°
-
°
40 C
TPS74201
SBVS064F – DECEMBER 2005 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VOUT = 1.5V, VIN = VOUT(TYP) + 0.3V, VBIAS = 3.3V, IOUT = 50mA, EN = VIN, CIN = 1μF, CBIAS = 4.7μF, CSS =
0.01
μF, and COUT = 10μF, unless otherwise noted.
VBIAS LINE TRANSIENT (1.5A)
VIN LINE TRANSIENT
Figure 15.
Figure 16.
OUTPUT LOAD TRANSIENT RESPONSE
TURN-ON RESPONSE
Figure 17.
Figure 18.
POWER-UP/POWER-DOWN
IBIAS vs IOUT AND TEMPERATURE
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS74201


Número de pieza similar - TPS74201RGWTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74201RGWTG4 TI1-TPS74201RGWTG4 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
More results

Descripción similar - TPS74201RGWTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com