Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C1024-12XN6TR Datasheet(PDF) 3 Page - STMicroelectronics |
|
M27C1024-12XN6TR Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 15 page Symbol Parameter Value Unit TA Ambient Operating Temperature (3) –40 to 125 °C TBIAS Temperature Under Bias –50 to 125 °C TSTG Storage Temperature –65 to 150 °C VIO (2) Input or Output Voltages (except A9) –2 to 7 V VCC Supply Voltage –2 to 7 V VA9 (2) A9 Voltage –2 to 13.5 V VPP Program Supply Voltage –2 to 14 V Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not i mplied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. 2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns. 3. Depends on range. Table 2. Absolute Maximum Ratings (1) Mode E G P A9 VPP Q0 - Q15 Read VIL VIL VIH XVCC or VSS Data Output Output Disable VIL VIH XX VCC or VSS Hi-Z Program VIL XVIL Pulse X VPP Data Input Verify VIL VIL VIH XVPP Data Output Program Inhibit VIH XX X VPP Hi-Z Standby VIH XX X VCC or VSS Hi-Z Electronic Signature VIL VIL VIH VID VCC Codes Note: X= VIH or VIL,VID = 12V ±0.5V Table 3. Operating Modes Identifier A0 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 Hex Data Manufacturer’s Code VIL 0 0100 000 20h Device Code VIH 1 0001 100 8Ch Note: Outputs Q8-Q15 are set to ’0’. Table 4. Electronic Signature 3/15 M27C1024 |
Número de pieza similar - M27C1024-12XN6TR |
|
Descripción similar - M27C1024-12XN6TR |