Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC78H89CIMTX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC78H89CIMTX
Descripción Electrónicos  7-Channel, 500 KSPS, 12-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC78H89CIMTX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC78H89CIMTX Datasheet HTML 1Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 2Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 3Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 4Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC78H89CIMTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage AV
DD
−0.3V to 6.5V
Digital Supply Voltage DV
DD
−0.3V to AV
DD +
0.3V, max 6.5V
Voltage on Any Pin to GND
−0.3V to AV
DD
+0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Power Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds (Note 6)
260˚C
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
AV
DD Supply Voltage
+2.7V to +5.25V
DV
DD Supply Voltage
+2.7V to AV
DD
Digital Input Pins Voltage Range
-0.3V to AV
DD
Clock Frequency
50 kHz to 8 MHz
Analog Input Voltage
0V to AV
DD
Package Thermal Resistance
Package
θ
JA
16-lead TSSOP on
4-layer, 2 oz. PCB
96˚C / W
ADC78H89 Converter Electrical Characteristics (Note 8)
The following specifications apply for AV
DD =DVDD = +2.7V to 5.25V, fSCLK = 8 MHz, fSAMPLE = 500 KSPS unless otherwise
noted. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 7)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
AV
DD = +5.0V, DVDD = +3.3V
12
Bits
INL
Integral Non-Linearity
AV
DD = +5.0V, DVDD = +3.3V
±1
LSB (max)
DNL
Differential Non-Linearity
AV
DD = +5.0V, DVDD = +3.3V
±1
LSB (max)
OE
Offset Error
AV
DD = +5.0V, DVDD = +3.3V
±2
LSB (max)
OEM
Offset Error Match
AV
DD = +5.0V, DVDD = +3.3V
±2
LSB (max)
GE
Gain Error
AV
DD = +5.0V, DVDD = +3.3V
±3
LSB (max)
GEM
Gain Error Match
AV
DD = +5.0V, DVDD = +3.3V
±3
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
AV
DD = +5.0V, DVDD = +3.0V,
f
IN = 40.2 kHz, −0.02 dBFS
72.6
dB
SNR
Signal-to-Noise Ratio
AV
DD = +5.0V, DVDD = +3.0V,
f
IN = 40.2 kHz, −0.02 dBFS
72.8
dB
THD
Total Harmonic Distortion
AV
DD = +5.0V, DVDD = +3.0V,
f
IN = 40.2 kHz, −0.02 dBFS
-86
dB
SFDR
Spurious-Free Dynamic Range
AV
DD = +5.0V, DVDD = +3.0V,
f
IN = 40.2 kHz, −0.02 dBFS
88
dB
ENOB
Effective Number of Bits
AV
DD = +5.0V, DVDD = +3.0V,
f
IN = 40.2 kHz, −0.02 dBFS
11.8
bits
Channel-to-Channel Crosstalk
AV
DD = +5.0V, DVDD = +3.0V,
f
IN = 40.2 kHz
-82
dB
IMD
Intermodulation Distortion, Second
Order Terms
AV
DD = +5.0V, DVDD = +3.0V,
f
a = 40.161 kHz, fb = 41.015 kHz
-93
dB
Intermodulation Distortion, Third
Order Terms
AV
DD = +5.0V, DVDD = +3.0V,
f
a = 40.161 kHz, fb = 41.015 kHz
-90
dB
FPBW
-3 dB Full Power Bandwidth
AV
DD = +5V
11
MHz
AV
DD = +3V
8
MHz
www.national.com
3


Número de pieza similar - ADC78H89CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC78H89CIMTX NSC-ADC78H89CIMTX Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89CIMTX TI1-ADC78H89CIMTX Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMTX/NOPB TI1-ADC78H89CIMTX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
More results

Descripción similar - ADC78H89CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89 TI1-ADC78H89_14 Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
   4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com