Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2N3866AUB Datasheet(PDF) 2 Page - Semicoa Semiconductor |
|
2N3866AUB Datasheet(HTML) 2 Page - Semicoa Semiconductor |
2 / 2 page Copyright 2002 Semicoa Semiconductors, Inc. Rev. F 333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2 www.SEMICOA.com 2N3866AUB Silicon NPN Transistor Data Sheet ELECTRICAL CHARACTERISTICS characteristics specified at TA = 25°C Off Characteristics Parameter Symbol Test Conditions Min Typ Max Units Collector-Base Breakdown Voltage V(BR)CBO IC = 100 µA 60 Volts Collector-Emitter Breakdown Voltage V(BR)CEO IC = 5 mA 30 Volts Emitter-Base Breakdown Voltage V(BR)EBO IE = 100 µA 3.5 Volts Collector-Emitter Cutoff Current ICEO VCE = 28 Volts 20 µA Collector-Emitter Cutoff Current ICES1 ICES2 VCE = 55 Volts VCE = 55 Volts, TA = 150°C 100 2 µA mA On Characteristics Pulse Test: Pulse Width = 300 µs, Duty Cycle ≤ 2.0% Parameter Symbol Test Conditions Min Typ Max Units DC Current Gain hFE1 hFE2 hFE3 IC = 50 mA, VCE = 5 Volts IC = 360 mA, VCE = 5 Volts IC = 50 mA, VCE = 5 Volts TA = -55°C 25 8 12 200 Collector-Emitter Saturation Voltage VCEsat1 IC = 100 mA, IB = 10 mA 1 Volts Dynamic Characteristics Parameter Symbol Test Conditions Min Typ Max Units Magnitude – Common Emitter, Short Circuit Forward Current Transfer Ratio |hFE| VCE = 15 Volts, IC = 50 mA, f = 200 MHz 4 7.5 Open Circuit Output Capacitance COBO VCB = 28 Volts, IE = 0 mA, 3.5 pF Collector Efficiency η1 η2 VCC = 28 Volts, f = 400 MHz Pin = 0.15 W Pin = 0.075 W 45 40 % Power Output P1out P1out VCC = 28 Volts, f = 400 MHz Pin = 0.15 W Pin = 0.075 W 1.0 0.5 2 Watts |
Número de pieza similar - 2N3866AUB_02 |
|
Descripción similar - 2N3866AUB_02 |