Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2N3810L Datasheet(PDF) 3 Page - Semicoa Semiconductor |
|
2N3810L Datasheet(HTML) 3 Page - Semicoa Semiconductor |
3 / 3 page Copyright 2002 Semicoa Semiconductors, Inc. Rev. G 333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 3 of 3 www.SEMICOA.com 2N3810L Silicon PNP Transistor Data Sheet Dynamic Characteristics Parameter Symbol Test Conditions Min Typ Max Units Magnitude – Common Emitter, Short Circuit Forward Current Transfer Ratio |hFE1| |hFE2| VCE = 5 Volts, IC = 500 µA, f = 30 MHz VCE = 5 Volts, IC = 1 mA, f = 100 MHz 1 1 5 Small Signal Short Circuit Forward Current Transfer Ratio hFE VCE = 10 Volts, IC = 1 mA, f = 1 kHz 150 600 Open Circuit Output Capacitance COBO VCB = 5 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz 5 pF Open Circuit Input Capacitance CIBO VEB = 0.5 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz 8 pF Noise Figure NF1 NF2 NF3 VCE = 10 Volts, IC = 100 µA, Rg = 3 kΩ f = 100 Hz f = 1 kHz f = 10 kHz 7 3 2.5 dB Noise Figure (wideband) NF VCE = 10 Volts, IC = 100 µA, Rg = 3 kΩ 10 Hz < f < 15.7 kHz 3.5 dB Short Circuit Input Impedance hie VCB =10V, IC =1mA, f =1kHz 3 30 k Ω Open Circuit Output Admittance hoe VCB =10V, IC =1mA, f =1kHz 5 60 µΩ Open Circuit reverse Voltage Transfer Ratio hre VCB =10V, IC=100µA, f=1kHz 25x10-4 |
Número de pieza similar - 2N3810L |
|
Descripción similar - 2N3810L |