Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65800RTQTG4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS65800RTQTG4
Descripción Electrónicos  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65800RTQTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65800RTQTG4 Datasheet HTML 5Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 6Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 7Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 8Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 9Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 10Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 11Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 12Page - Texas Instruments TPS65800RTQTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – POWER PATH AND CHARGE MANAGEMENT (Continued)
V(OUT) * 1.2
500 kW
I
O(BAT) +
K
(SET)
V
(SET)
R
SET
I
O(PRECHG) +
V
(PRECHG)
K
(SET)
R
SET
I
(TERM) +
V
(TERM)
K
(SET)
R
SET
TPS65800
SLVS606C – SEPTEMBER 2005 – REVISED FEBRUARY 2007
Over recommended operating conditions (typical values at T
J = 25°C), application circuit as in Figure 3 (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER PATH TIMING CHARACTERISTICS, DPPM AND THERMAL LOOPS NOT ACTIVE, RTMR = 50 kΩ
tBOOT
Boot-up time
Measured from input power detection
120
200
300
ms
No USB: measured from V(AC)– V(BAT) < VIN(NDT), USB
tSW(ACBAT)
Switching from AC to BAT
50
detected:CE=LO (after CE hold-off time)
No AC: measured from V(USB)– V(BAT) < VIN(NDT),USB
tSW(USBBAT)
Switching from USB to BAT
50
detected:CE=LO (after CE hold-off time)
µs
tSW(PSEL)
Switching from USB to AC
50
Toggling I2C PSEL bit
Switching from AC to USB or USB to
tSW(ACUSB)
AC power removed or USB power removed
100
AC
BATTERY REMOVAL DETECTION
VNOBATID
Battery ID resistor detection
ID resistor not detected at V(OUT)– V(ANLG1) < VNOBATID
0.5
V
Deglitch time for battery removal
tDGL(NOBAT)
0.6
1.2
ms
detection
00, V(OUT): 2.5 V to 4.4 V
Set via I2C bits
µA
01
10
(BATID1,BATID2)
IO(ANLG1)
ANLG1 pullup current
ADC_WAIT register
10
50
11
60
Total accuracy
25%
25%
FAST CHARGE CURRENT, V(OUT) > V(BAT) + 0.1 V, V(BAT) > VLOWV
IO(BAT)
Charge current range
100
1500
mA
11, 100% scaling
2.475
2.500
2.525
10, 75% scaling
1.875
1.900
1.925
VSET = V(ISET1),
VSET
Battery charge current set voltage
V
(ISET1_1, ISET1_0) =
01, 50% scaling
1.225
1.250
1.275
00, 25% scaling
0.575
0.600
0.625
100 mA < IO(BAT)≤ 1 A
350
400
450
KSET
Battery charge current set factor
1 mA < IO(BAT)≤ 100 mA
100
400
1000
PRECHARGE CURRENT, V(OUT) > V(BAT) + 0.1 V, VBATSH < V(BAT) < VLOWV, t < t(PRECHG)
IO(PRECHG)
Precharge current range
10
150
mA
VPRECHG
Precharge set voltage
VPRECHG = V(ISET1)
220
250
270
mV
VLOWV
Precharge to fast-charge transition
Fast charge at V(BAT) > VLOWV
2.8
3
3.2
V
Deglitch time for fast charge to
tDGL(PRE)
Decreasing battery voltage, RTMR = 50 kΩ
22.5
ms
precharge transition
CHARGE REGULATION VOLTAGE, V(OUT) > VO(BATREG) + 0.1V
4.2
Voltage options, selection via I2C
V
4.356
VO(BATREG)
Battery charge voltage
Accuracy, TA = 25°C
–0.5%
0.5%
Total accuracy
–1%
1%
CHARGE TERMINATION, V(BAT) > VRCH, VOLTAGE REGULATION MODE SET
ITERM
Charge termination current range
10
150
mA
11, 100% scaling
240
260
280
10, 75% scaling
145
160
175
Battery termination detection set
VTERM = V(ISET1),
VTERM
mV
voltage
(ISET1_1, SET1_0) =
01, 50% scaling
90
110
130
00, 25% scaling
40
60
75
tDGL(TERM)
Deglitch time for termination detection
V(ISET1) < VTERM, RTMR = 50 kΩ
22.5
ms
9
Submit Documentation Feedback


Número de pieza similar - TPS65800RTQTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65800 TI-TPS65800 Datasheet
232Kb / 3P
[Old version datasheet]   INTEGRATED SINGLE-CELL LITHIUM-ION BATTERY-AND POWER-MANAGEMENT IC
More results

Descripción similar - TPS65800RTQTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com