Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPIC2802 Datasheet(PDF) 7 Page - Texas Instruments |
|
TPIC2802 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 13 page TPIC2802 OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT SLIS013 – APRIL 1992 2–7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION tw(RST) RST 10% tsu1 tsu2 tw(SCLKH) tw(SCLKL) tr tf SIOE SCLK tsu3 Valid Don’t Care th Don’t Care Don’t Care Valid SI VIH VIL VIH VIL VIH VIL VIH VIL 10% 10% 10% 10% 10% 90% 90% 10% 90% 10% 10% 90% 90% 90% 10% Figure 1. Input Timing Waveforms 5 V TPIC2802 Under Test GND SO SIOE 2.5 V RL = 1 kΩ Output CL = 20 pF (see Note A) 10 ns 90% 90% 10% 10% 2.5 V 2.5 V 10 ns ten tdis 50% ten tdis 50% 50% 50% 5 V 0 V 2.5 V VOL VOH SIOE Input SO Output Waveform 1 (see Note B) SO Output Waveform 2 (see Note B) 10 VCC 9 8 Input 5 TEST CIRCUIT FOR ENABLE AND DISABLE TIMES VOLTAGE WAVEFORMS 2.5 V 2.5 V NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control when SIOE is high. Waveform 2 is for an output with internal conditions such that the low-to-high transition of SIOE causes the output to switch from off to on. Figure 2. Test Circuit and Voltage Waveforms for Enable and Disable Times |
Número de pieza similar - TPIC2802 |
|
Descripción similar - TPIC2802 |