Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W83303AD Datasheet(PDF) 13 Page - Winbond

No. de pieza W83303AD
Descripción Electrónicos  Advanced ACPI Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINBOND [Winbond]
Página de inicio  http://www.winbond.com
Logo WINBOND - Winbond

W83303AD Datasheet(HTML) 13 Page - Winbond

Back Button W83303AD Datasheet HTML 9Page - Winbond W83303AD Datasheet HTML 10Page - Winbond W83303AD Datasheet HTML 11Page - Winbond W83303AD Datasheet HTML 12Page - Winbond W83303AD Datasheet HTML 13Page - Winbond W83303AD Datasheet HTML 14Page - Winbond W83303AD Datasheet HTML 15Page - Winbond W83303AD Datasheet HTML 16Page - Winbond W83303AD Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
W83303AD/W83303AG
Publication Release Date: Jan. 9, 2006
- 11 -
Revision 0.52
AC CHARACTERISTICS, continued
5VDUAL Switch Controller
5VDRV Output High
Voltage
9
Cap Loading
5VSBDRV Output High
Voltage
9
Cap Loading
5VUSB Output High
Voltage
9
Cap Loading
5VUSB SS Sourcing
Current
2.5
uA
@ Soft-start
3.3VDUAL
Under-Voltage Falling
Threshold
70
%
MAX 3VSBDRV Output
Voltage
9
V
I(3VSBDRV) <
0.3mA
Charge Pump
Charge Pump Frequency
200
KHz
Charge Pump Voltage
9.5


Número de pieza similar - W83303AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W83301 WINBOND-W83301 Datasheet
212Kb / 16P
   ACPI-STR Controller
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
W83304G WINBOND-W83304G Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
More results

Descripción similar - W83303AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Feature Integration Tec...
F72568 FINTEK-F72568 Datasheet
737Kb / 24P
   Advanced ACPI Controller IC Datasheet
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Fairchild Semiconductor
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com