Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AKD4127-A Datasheet(PDF) 15 Page - Asahi Kasei Microsystems

No. de pieza AKD4127-A
Descripción Electrónicos  digital sample rate converter.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4127-A Datasheet(HTML) 15 Page - Asahi Kasei Microsystems

Back Button AKD4127-A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 15Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 16Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 17Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 18Page - Asahi Kasei Microsystems AKD4127-A Datasheet HTML 19Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
A
A
B
B
C
C
D
D
E
E
E
E
D
D
C
C
B
B
A
A
PDN
REG
IMCLK
IBICK
ILRCK
SDTI
Title
Size
Document Number
Rev
Date:
Sheet
of
INPUT
0
AKD4127-A
A3
23
Monday, August 28, 2006
Title
Size
Document Number
Rev
Date:
Sheet
of
INPUT
0
AKD4127-A
A3
23
Monday, August 28, 2006
Title
Size
Document Number
Rev
Date:
Sheet
of
INPUT
0
AKD4127-A
A3
23
Monday, August 28, 2006
ILRCK
IMCLK
IBICK
SDTI
COAX
OPT
DIF2 DIF1 DIF0
HL
L
24bit, MSB justified
Setting
OCKS1
Setting
OCKS0
H
H
128fs, 192kHz
Setting
L
CM0
L
PLL=ON, RX Mode
CM1
RX(COAX)
RX(OPT)
INPUT
IBICK
SDTI
ILRCK
RX
ERF
C20
10u
C20
10u
R16
1k
R16
1k
R22
220k
R22
220k
R13
75
R13
75
C18
0.1u
C18
0.1u
R23
220k
R23
220k
JP3
HIF3G-50P-2.54DSA (2x1)
JP3
HIF3G-50P-2.54DSA (2x1)
C12
0.1u
C12
0.1u
R20
100
R20
100
C19
10u
C19
10u
1
2
3
4
5
6
7
8
9
10
PORT2
A1-10PA-2.54DSA
PORT2
A1-10PA-2.54DSA
C17
0.1u
C17
0.1u
R17
100
R17
100
LED2
SML-210JT
LED2
SML-210JT
L1
47u
L1
47u
IPS0
1
NC
2
DIF0
3
TEST2
4
DIF1
5
NC
6
DIF2
7
IPS1
8
P/SN
9
XTL0
10
XTL1
11
BICK
26
MCKO2
27
DAUX
28
XTO
29
XTI
30
PDN
31
CM0
32
CM1
33
OCKS1
34
OCKS0
35
INT0
36
VIN
12
SDTO
25
U3
AK4114
U3
AK4114
C15
0.1u
C15
0.1u
13
12
U1F
74HC14
U1F
74HC14
C13
0.1u
C13
0.1u
JP4
HIF3G-50P-2.54DSA (2x1)
JP4
HIF3G-50P-2.54DSA (2x1)
OUT
1
VCC
3
GND
2
PORT1
TORX141
PORT1
TORX141
JP1
HIF3G-50P-2.54DSA (3x1)
JP1
HIF3G-50P-2.54DSA (3x1)
R21
220k
R21
220k
J1
BNC-R-PC
J1
BNC-R-PC
R18
100
R18
100
C16
0.47u
C16
0.47u
R15
18k
R15
18k
JP2
HIF3G-50P-2.54DSA (2x1)
JP2
HIF3G-50P-2.54DSA (2x1)
R19
100
R19
100
C14
10u
C14
10u
R24
220k
R24
220k
R14
470
R14
470


Número de pieza similar - AKD4127-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AKD4127 AKM-AKD4127 Datasheet
578Kb / 29P
   192kHz / 24Bit High Performance Asynchronous SRC
More results

Descripción similar - AKD4127-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
   digital sample rate converter.
logo
Cirrus Logic
CS8420 CIRRUS-CS8420 Datasheet
1Mb / 80P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
CS8420 CIRRUS-CS8420_07 Datasheet
1Mb / 94P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
logo
Sanyo Semicon Device
LC78845Q SANYO-LC78845Q Datasheet
144Kb / 10P
   Sample Rate Converter for Digital Audio
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com