Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML3371-5P Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc. |
|
ML3371-5P Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc. |
3 / 19 page www.lansdale.com Page 3 of 19 Issue A LANSDALE Semiconductor, Inc. ML3371, ML3372 DC ELECTRICAL CHARACTERISTICS (VCC = 4.0 Vdc, TA = 25°C, unless otherwise noted) Characteristic Pin Symbol Min Typ Max Unit Drain Current (No Input Signal) Squelch Off, Vsq = 2.0 Vdc Squelch On, Vsq = 0 Vdc Squelch Off, VCC = 2.0 to 9.0 V 4 lcc1 lcc2 dlcc1 – – – 3.2 3.6 1.0 4.2 4.8 2.0 mA Detector Output (No Input Signal) DC Voltage, V8 = VCC 9 V9 0.9 1.6 2.3 Vdc Filter Output (No Input Signal) DC Voltage Voltage Change, VCC = 2.0 to 9.0 V 11 V11 dV11 1.5 2.0 2.5 5.0 3.5 8.0 Vdc Trigger Hysteresis – Hys 34 57 80 mV Quad Coil TOKO 2A6597 HK (10 mm) or 7MC–8128Z (7 mm) 15 22 0.33 0.001 57.6575 MHz Oscillator 0.1 0.1 20 k 0.1 muRata CFU455D2 or equivalent 14 C1 0.01 51 51 k RF Input VCC = 4.0 Vdc 13 24 38 – 56 7 1 15 + 16 Mute 0.1 12 11 10 9 FilterOut 1.0 µF Demodulator AF Amp RSSI Output 510 k SqIn FilterIn 470 8.2 k 0.01 AF Out to Audio Power Amp 53 k 10 Limiter Amp Filter Amp Mixer Squelch Trigger with Hysteresis Figure 1. ML3371 Functional Block Diagram and Test Fixture Schematic 1.8 k 51 k 1.0 µF |
Número de pieza similar - ML3371-5P |
|
Descripción similar - ML3371-5P |