Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML3371-5P Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc. |
|
ML3371-5P Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc. |
9 / 19 page www.lansdale.com Page 9 of 19 Issue A LANSDALE Semiconductor, Inc. ML3371, ML3372 ML3372 PIN FUNCTION DESCRIPTION OPERATING CONDITIONS VCC = 4.0 Vdc, RFIn = 100 µV, fmod = 1.0 kHz, fdev = 3.0 kHz. ML3372 at f RF = 45 MHz (see Figure 13). Pin Symbol Internal Equivalent Circuit Description Waveform 5 IFIn IFIn 5 53 k 6 IF Amplifier Input 6 DEC1 6 DEC 60 µA IF Decoupling. External 0.1 µF capacitors connected to VCC. 7 IFOut IFOut 7 120 µA VCC 50 µA IF Amplifier Output Signal level is typically 300 mVpp. 8 QuadIn QuadIn 8 50 µA VCC 10 Quadrature Detector Input. Signal level is typically 150 mVpp. 9 RA 9 200 RAOut VCC Recovered Audio. This is a composite FM demodulated output having signal and carrier components. Typical level is 800 mVpp. Out 100 µA The filtered recovered audio has the carrier signal removed and is typically 500 mVpp. |
Número de pieza similar - ML3371-5P |
|
Descripción similar - ML3371-5P |