Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3372EP Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

No. de pieza ML3372EP
Descripción Electrónicos  Low Power Narrowband FM IF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3372EP Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML3372EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3372EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.lansdale.com
Page 6 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
ML3371 PIN FUNCTION DESCRIPTION
OPERATING CONDITIONS VCC = 4.0 Vdc, RFIn = 100 µV, fmod = 1.0 kHz, fdev = 3.0 kHz. ML3371 at f RF = 10.7 MHz (see Figure 11).
Pin
Symbol
Internal Equivalent
Circuit
Description
Waveform
1
OSC1
OSC1
VCC
1
15 k
The base of the Colpitts oscillator. Use
a high impedance and low capacitance
probe or a “sniffer” to view the wave–
form without altering the frequency.
Typical level is 450 mVpp.
2
OSC2
200
µA
2
OSC2
The emitter of the Colpitts oscillator.
Typical signal level is 200 mVpp. Note
that the signal is somewhat distorted
compared to that on Pin 1.
3
MXOut
3
4
MixerOut
VCC
15 k
Output of the Mixer. Riding on the
455 kHz is the RF carrier component.
The typical level is approximately
60 mVpp.
4
VCC
100
µA
1.5k
Supply Voltage –2.0 to 9.0 Vdc is the
operating range. VCC is decoupled to
ground.
5
IFIn
1.8 k
7
51 k
53 k
5
IFIn
6
DEC1
Input to the IF amplifier after passing
through the 455 kHz ceramic filter. The
signal is attenuated by the filter. The
typical level is approximately
50 mVpp.
6
7
DEC1
DEC2
DEC2
60
µA
IF Decoupling. External 0.1
µF
capacitors connected to VCC.
8
Quad
Coil
10
VCC
8
Quad Coil
50
µA
Quadrature Tuning Coil. Composite
(not yet demodulated) 455 kHz IF
signal is present. The typical level is
500 mVpp.


Número de pieza similar - ML3372EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML3372EP LANSDALE-ML3372EP Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
More results

Descripción similar - ML3372EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com