Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML12013D Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

No. de pieza ML12013D
Descripción Electrónicos  MECL PLL Components Dual Modulus Prescaler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12013D Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12013D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12013D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.lansdale.com
Page 1 of 15
Issue A
ML12013
MECL PLL Components
Dual Modulus Prescaler
Legacy Device: Motorola MC12013
This device is a two–modulus prescaler which will divide by 10
and 11. A MECL–to–MTTL translator is provided to interface
directly with the MC12014 Counter Control Logic. In addition,
there is a buffered clock input and MECL bias voltage source.
• 550 MHz (÷10/11)
• MECL to MTTL Translator on Chip
• MECL and MTTL Enable Inputs
• 5.0 or –5.2 V Operation*
• Buffered Clock Input — Series Input RC Typ, 20
Ω and 4.0 pF
• VBB Reference Voltage
• 310 Milliwatts (Typ)
* When using a 5.0 V supply, apply 5.0 V to Pin 1
(VCCO), Pin 6 (MTTL VCC), Pin 16 (VCC), and ground
Pin 8 (VEE). When using –5.2 V supply, ground Pin 1
(VCCO), Pin 6 (MTTL VCC), and Pin 16 (VCC) and apply
–5.2 V to Pin 8 (VEE). If the translator is not required, Pin
6 may be left open to conserve DC power drain.
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.


Número de pieza similar - ML12013D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12013 LANSDALE-ML12013 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
More results

Descripción similar - ML12013D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009_08 Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com