Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC12179D Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

No. de pieza MC12179D
Descripción Electrónicos  500-2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12179D Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC12179D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.lansdale.com
Page 1 of 11
Issue A
ML12179
500-2800 MHz Single Channel
Frequency Synthesizer
Legacy Device: Motorola MC12179
The ML12179 is a monolithic Bipolar synthesizer integrating
the high frequency prescaler, phase/frequency detector, charge
pump, and reference oscillator/buffer functions. When combined
with an external loop filter and VCO, the ML12179 serves as a
complete PLL subsystem. The device is designed for operation up
to 2.8 GHz for high frequency applications such as CATV down
converters and satellite receiver tuners.
• 2.8 GHz Maximum Operating Frequency
• Low Power Supply Current of 3.5 mA Typical,
Including ICC and IP Current
• Supply Voltage of 5.0 V Typical
• Integrated Divide by 256 Prescaler
• On–Chip Reference Oscillator/Buffer
– 2.0 to 11 MHz Operation When Driven
From Reference Source
– 5.0 to 11 MHz Operation when used with a Crystal
• Digital Phase/Frequency Detector with Linear
Transfer Function
• Balanced Charge Pump Output
• Space Efficient 8–Lead SOIC
• Operating Temperature Range TA = –40° to +85°C
SO 8 = -5P
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
SO 8
MC12179D
ML12179-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
(Top View)
PIN CONNECTIONS
8
1
OSCout
OSCin
7
2
VP
VCC
6
3
PDout
Gnd
5
4
GndP
Fin
MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to 6.0
Vdc
Power Supply Voltage, Pin 7
VP
VCC to 6.0
Vdc
Storage Temperature Range
Tstg
–65 to 150
°C
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation should be restricted to the Recommended
Operating Conditions as identified in the Electrical Characteristics table.
Crystal
Oscillator
Prescaler
÷256
Phase/Frequency
Detector
Charge
Pump
OSCin
OSCout
Fin
fr
fv
PDout
Block Diagram


Número de pieza similar - MC12179D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC12179D MOTOROLA-MC12179D Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Descripción similar - MC12179D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com