Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML13155 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

No. de pieza ML13155
Descripción Electrónicos  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML13155 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.lansdale.com
Page 5 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
± 1.0 MHz
VEE = – 6.0 Vdc
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 9. Differential Detector Output
Voltage versus Ambient Temperature
and Supply Voltage
Figure 10. Differential Limiter Output Voltage
versus Ambient Temperature
(Vin = 1 and 10 mVrms)
–50
– 30
–10
10
30
50
70
90
110
–50
– 30
–10
10
30
50
70
90
Vin = 10 mVrms
IF INPUT (dBm)
Q OF QUADRATURE LC TANK
IF INPUT, (dBm)
Figure 11.
Figure 12. RSSI Output Voltage versus IF Input
Figure 11A. Differential Detector Output Voltage
versus Q of Quadrature LC Tank
1.5
Q OF QUADRATURE LC TANK
Figure 11B. Differential Detector Output Voltage
versus Q of Quadrature LC Tank
2.5
3.5
4.5
5.5
–80
–60
– 40
–20
0
20
2.0
3.0
4.0
5.0
6.0
1.5
2.5
3.5
4.5
5.5
2.0
3.0
4.0
5.0
6.0
Vin = – 30 dBm
VEE = – 5.0 Vdc
fc = 70 MHz
fmod = 1.0 MHz
(Figure 16 no external capacitors
between Pins 7, 8 and 9, 10)
–90
– 70
– 50
– 30
– 10
10
S+N
Vin = 1.0 mVrms
– 5.0 Vdc
– 3.0 Vdc
f = 70 MHz
VEE = – 5.0 Vdc
f dev = ± 6.0 MHz
± 5.0 MHz
± 4.0 MHz
± 3.0 MHz
± 2.0 MHz
± 1.0 MHz
± 2.0 MHz
± 3.0 MHz
±4.0 MHz
± 5.0 MHz
f dev = ± 6.0 MHz
15 dB Interstage
Attenuator
N
Vin = – 30 dBm
VEE = – 5.0 Vdc
fc = 70 MHz
fmod = 1.0 MHz
(Figure 16 no external capacitors
between Pins 7, 8 and 9, 10)
fc = 70 MHz
fmod = 1.0 MHz
fdev = ± 5.0 MHz
VEE = – 5.0 Vdc
Figure 13. S+N, N versus IF Input
750
220
200
180
160
140
120
700
650
600
550
500
450
400
350
0
1600
1200
800
400
200
0
2400
1600
1200
800
400
0
– 1.0
– 2.0
– 3.0
– 4.0
– 5.0
1400
1000
600
2000
10
–10
–30
–50
–60
–70
0
–20
–40
VEE = – 5.0 Vdc
fc = 70 MHz
(See Figure 16)
Capacitively coupled
interstage: no attenuation


Número de pieza similar - ML13155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results

Descripción similar - ML13155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com