Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML13156-6P Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

No. de pieza ML13156-6P
Descripción Electrónicos  Wideband FM IF System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13156-6P Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML13156-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13156-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ML13156
LANSDALE Semiconductor, Inc.
Pin, INPUT SIGNAL LEVEL (dBm)
–70
30
–65
40
4.0
–50
20.0
–90
25.0
1.0
6.5
Pin, IF INPUT SIGNAL LEVEL (dBm)
VEE, SUPPLY VOLTAGE (–Vdc)
Pin, IF INPUT SIGNAL LEVEL (dBm)
Pin, RF INPUT SIGNAL LEVEL (dBm)
Figure 2. Total Drain Current versus Supply
Voltage and Temperature
Figure 3. Drain Currents versus Supply Voltage
Figure 4. Mixer Gain versus Input Signal Level
Figure 5. IF Amplifier Gain versus Input
Signal Level and Ambient Temperature
Figure 6. IF Amplifier RSSI Output Current versus
Input Signal Level and Ambient Temperature
VEE, SUPPLY VOLTAGE (–Vdc)
Figure 7. Limiter Amplifier RSSI Output Current
versus Input Signal Level and Temperature
6.0
5.5
5.0
4.5
4.0
3.5
2.0
3.0
4.0
5.0
6.0
7.0
55
°C
25
°C
–10
°C
–40
°C
3.6
3.2
2.8
2.4
2.0
1.6
I22
1.0
2.0
3.0
4.0
5.0
6.0
7.0
TA = 25°C
22.5
20.0
17.5
15.0
12.5
10.0
–80
–70
–60
–50
–40
–30
–20
–10
38
36
34
32
30
28
26
–60
–55
–50
–45
–40
–35
–30
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
–40
–30
–20
–10
0
10
5.0
0
–60
–50
–40
–30
–20
–10
0
10
25
20
15
10
TA = 85°C
VEE = –5.0 Vdc
f = 10.7 MHz
TA = 25°C
I19
–10
°C
–40
°C
55
°C
25
°C
–10
°C
–40
°C
85
°C
TA = 25° to 85°C
–40
°C
VEE = –5.0 Vdc
f = 10.7 MHz
–10
°C
VEE = – 5.0 Vdc
f = 10.7 MHz
TA = 25° to 85°C
www.lansdale.com
Page 4 of 21
Issue A


Número de pieza similar - ML13156-6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13156-6P LANSDALE-ML13156-6P Datasheet
2Mb / 21P
    Wideband FM IF System
More results

Descripción similar - ML13156-6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com