Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML33111 Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

No. de pieza ML33111
Descripción Electrónicos  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111 Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML33111 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.lansdale.com
Page 10 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
Power Supply
The ML33111 requires a supply voltage between 3.0 V and 7.0 V,
and a nominal current of
≈ 1.6 mA. The supply voltage should be
well filtered and free of ripple. A minimum of 4.7 µF in parallel with
a 0.01 µF capacitor is recommended for filtering and RF bypass.
Vb is an internally generated reference set at
≈ +1.5 V, and
is used internally as an AC ground. It is not available directly
at any pins, but can be obtained as a buffered reference from
either op amp by connecting the op amp as a follower.
Typical Application Circuit
Figure 18 indicates a typical implementation of the ML33111
compander. The following points apply:
a) The values shown adjacent to some components are based on
the expected use of the IC:
—The input capacitors (Pins 3 and 14) provide a 3.0 dB rolloff
of
≈ 30 Hz, a decade below the nominal voiceband.
— The rectifier capacitors provide attack and decay times as
indicated in the Electrical Tables.
b) The values for the unlabeled components are application dependent:
— The components around the op amps depend on their use.
— The value of the capacitors at the compressor and expander
outputs depend on the circuit to which they are connected.
c) If either the compressor or expander is not used, its input must
not be left open. It can be connected to ground either through a
capacitor, or directly to ground.
d) The two op amps can be used for any purpose which suits the
application. The indicated use of the one op amp as a micro
phone amplifier is only an example.
e) If an op amp is not used, its output and input must be connected
together. Do not leave Pin 7 or Pin 9 open.
f) The logic inputs (Pins 4, 8, 12) are TTL/CMOS compatible. The
logic high voltage must not exceed the VCC voltage on the
ML33111. Any unused input should be connected to ground
and not left open.
Signal-To-Noise Improvement
Among the basic reasons for the original development of compan-
der type circuits was to improve the signal-to-noise ratio of long dis-
tance communications circuits, and of voice circuits which are trans-
mitted over RF links (CBs, walkie-talkies, cordless phones, etc.).
Since much of the interfering noise heard at the receiving end of a
transmission is due to noise picked up, for example, in the airway
portion of the RF link, the compressor was developed to increase the
low-level signals at the transmitting end. Then any noise picked up in
the RF link would be a smaller percentage of the transmitted signal
level. At the receiving end, the signal is then expanded back to its
original level, retaining the same high signal-to-noise ratio. While the
above explanation indicates it is not necessary to attenuate strong
signals (at the transmitting end), a benefit of doing this is the
reduced dynamic range which must be handled by the system trans-
mitter and receiver. The ML33111 was designed for a two-to-one
compression and expansion, i.e. a 60 dB dynamic signal is com-
pressed to a 30 dB dynamic range, transmitted to the receiving end,
and then expanded back to a 60 dB dynamic range.
Figure 18. Typical Application
ML33111
(See Text For Component Values)
µP or
Other Control Circuit
4.7/
0.01
PT
CM
EM
VCC
Compressor
Output
Expander
Output
16
1
2
15
Mute/
Passthrough
Logic
Bias &
Reference
Generator
Vb
15 k
Rectifier
7.5 k
40 k
40 k
Vb
10 k
∆ Gain
Rectifier
6
7
Vb
Vb
Microphone
V+
1.0
µF
1.0
µF
0.47
9
10
5
3
11
14
0.47
Compressor
Input
Expander
Input
∆ Gain
8
4
12
20 k
LEGACY APPLICATIONS INFORMATION


Número de pieza similar - ML33111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111-5P LANSDALE-ML33111-5P Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111EP LANSDALE-ML33111EP Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111 LANSDALE-ML33111_08 Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Descripción similar - ML33111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111_08 Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com