Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML33111EP Datasheet(PDF) 11 Page - LANSDALE Semiconductor Inc.

No. de pieza ML33111EP
Descripción Electrónicos  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111EP Datasheet(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML33111EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML33111EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.lansdale.com
Page 11 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
The ML33111 compander is not limited to RF or long dis-
tance telephony applications. It can be used in any system
requiring either an improved signal-to-noise ratio, or a
reduced dynamic range. Such applications include tele-
phones, speakerphones, tape recorders, wireless microphones,
digital recording, and many others.
Power Supplies, Grounding
The PC board layout, and the quality of the power supplies
and the ground system at the IC are very important in order
to obtain proper operation. Noise, from any source, coming
into the device on VCC or ground, can cause a distorted out-
put, or incorrect gain levels.
VCC must be decoupled to the appropriate ground at the
IC (within 1” max.) with a 4.7 µF capacitor and a 0.01 µF
ceramic. A tantalum capacitor is recommended for the larger
value if very high frequency noise is present, since electrolyt-
ic capacitors simply have too much inductance at those fre-
quencies. The quality of the power supply voltage should be
checked at the IC with a high frequency scope. Noise spikes
(always present if digital circuits are near this IC) can easily
exceed 400 mV, and if they get into the IC, the output can
have noise or distortion. Noise can be reduced by inserting
resistors and/or inductors between the supply and the IC.
If switching power supplies are used, there will be spikes
of 0.5 V or greater at frequencies of 50 kHz – 1.0 MHz.
These spikes are generally more difficult to reduce because
of their greater energy content. In extreme cases, a 3-terminal
regulator (e.g., MC78L05ACP), with appropriate high fre-
quency filtering, should be used and dedicated to the analog
portion of the circuit. The ripple content of the supply should
not allow its magnitude to exceed the values in the
Recommended Operating Conditions table.
The PC board tracks supplying VCC and ground to the
ML33111 should preferably not be at the tail end of the bus
distribution, after passing through a maze of digital circuitry.
The analog circuitry containing the ML33111 should be close
to the power supply, or the connector where the supply volt-
ages enter the board. If VCC is supplying considerable current
to other parts of the board, then it is preferable to have dedi-
cated lines directly to the ML33111 and associated circuitry.
PC Board Layout
Although this device is intended for use in the audio fre-
quency range, the various amplifiers have a bandwidth of
≈300 kHz, and can therefore oscillate at frequencies outside
the voiceband should there be excessive stray capacitance or
other unintended feedback loops. A solid ground plane is
strongly recommended to minimize coupling of any digital
noise into the analog section. Use of wire wrapped boards
should definitely be avoided.
Since many applications of the ML33111 compander
involve voice transmission over RF links, care must be taken
in the design of the product to keep RF signals out of the
ML33111 and associated circuitry. This involves proper lay-
out of the PC boards and the physical arrangement of the
boards, shielding, proper RF ground, etc.
Attack Time — The settling time for a circuit after its input signal
has been increased.
Attenuation — A decrease in magnitude of a communication sig-
nal, usually expressed in dB.
Bandwidth — The range of information carrying frequencies of a
communication system.
Channel Separation — The ability of one circuit to reject out-
putting signals which are being processed by another circuit. Also
referred to as crosstalk rejection, it is usually expressed in dB.
Compander — A contraction of the words compressor and
expander. A compander is composed of two circuits, one of each
kind.
Compressor — A circuit which compresses, or reduces, the
dynamic range of a signal by attenuating strong signals and amplify-
ing low level signals.
dB — A power or voltage measurement unit, referred to another
power or voltage. It is generally computed as:
10 x log (P1/P2) for power signals, and
20 x log (V1/V2) for voltage signals.
dBm — An indication of signal power. 1.0 mW across 600
Ω,or
0.775 Vrms, is typically defined as 0 dBm for telecom applications.
Any voltage level is converted to dBm by:
dBm = 20 x log (Vrms/0.775), or
dBm = [20 x log (Vrms)] + 2.22.
dBrn — Indicates a dBm measurement relative to 1.0 pW power
level into 600
Ω. Generally used for noise measurements, 0 dBm =
–90 dBm.
dBrnC— Indicates a dBrn measurement using a C-message
weighting filter.
Decay Time— The settling time for a circuit after its input signal
has been decreased.
Expander— A circuit which expands, or increases the dynamic
range of a signal by amplifying strong signals and attenuating low
level signals.
Gain— The change in signal amplitude (increase or decrease) after
passing through an amplifier, or other circuit stage. Usually
expressed in dB, an increase is a positive number, and a decrease is a
negative number.
Mute— Reducing the level of an audio signal, generally so that it
is inaudible. Partial muting is used in some applications.
Passthrough— Bypassing the compression and/or expansion func-
tion by setting the gain to a fixed value (usually unity). This is usual-
ly employed when data, rather than voice, is to be transmitted with-
out attenuation.
Power Supply Rejection Ratio— The ability of a circuit to reject
outputting noise, or ripple, which is present on the power supply
lines. PSRR is usually expressed in dB.
Signal to Noise Ratio— The ratio of the desired signal to unwant-
ed signals (noise) within a defined frequency range. The larger the
number, the better.
Voiceband— That portion of the audio frequency range used for
transmission in the telephone system. Typically it is 300-3400 Hz.
Zero dB Point— The signal level which has its amplitude
unchanged by a compressor or expander.
Legacy Applications Information
DEFINITIONS


Número de pieza similar - ML33111EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111EP LANSDALE-ML33111EP Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Descripción similar - ML33111EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111_08 Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com