Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AC374 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AC374
Descripción Electrónicos  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AC374 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AC374 Datasheet HTML 1Page - Texas Instruments SN74AC374 Datasheet HTML 2Page - Texas Instruments SN74AC374 Datasheet HTML 3Page - Texas Instruments SN74AC374 Datasheet HTML 4Page - Texas Instruments SN74AC374 Datasheet HTML 5Page - Texas Instruments SN74AC374 Datasheet HTML 6Page - Texas Instruments SN74AC374 Datasheet HTML 7Page - Texas Instruments SN74AC374 Datasheet HTML 8Page - Texas Instruments SN74AC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN54AC374, SN74AC374
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS543E − OCTOBER 1995 - REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
OE
CLK
D
OUTPUT
Q
L
H
H
L
LL
L
H or L
X
Q0
H
X
X
Z
logic diagram (positive logic)
1D
CLK
1Q
2
11
3
1
1D
OE
C1
To Seven Other Channels
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DB package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
83
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Número de pieza similar - SN74AC374

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AC374 TI-SN74AC374 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
539Kb / 16P
[Old version datasheet]   OCTAL D TYPE EDGE TRIGGERED FLIP FLOPS WITH 3 STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
668Kb / 17P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP- FLOPS WITH 3-STATE OUTPUTS
SN74AC374 TI-SN74AC374 Datasheet
714Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AC374DB TI-SN74AC374DB Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74AC374

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHCT374 UTC-U74AHCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HCT374 TI1-SN54HCT374_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74HC374 UTC-U74HC374_15 Datasheet
233Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com