Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC8820IC Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza DAC8820IC
Descripción Electrónicos  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC8820IC Datasheet(HTML) 5 Page - Texas Instruments

  DAC8820IC Datasheet HTML 1Page - Texas Instruments DAC8820IC Datasheet HTML 2Page - Texas Instruments DAC8820IC Datasheet HTML 3Page - Texas Instruments DAC8820IC Datasheet HTML 4Page - Texas Instruments DAC8820IC Datasheet HTML 5Page - Texas Instruments DAC8820IC Datasheet HTML 6Page - Texas Instruments DAC8820IC Datasheet HTML 7Page - Texas Instruments DAC8820IC Datasheet HTML 8Page - Texas Instruments DAC8820IC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
DD = +5 V
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Code
T
A =+25°C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Code
T
A =+25°C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Code
T
A =
40
-
° C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Code
T
A =
40
-
° C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Code
T
A =+85°C
V
=+10V
REF
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Code
T
A =+85°C
V
=+10V
REF
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
At T
A = +25°C, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 1.
Figure 2.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 3.
Figure 4.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 5.
Figure 6.
5
Submit Documentation Feedback


Número de pieza similar - DAC8820IC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QB BURR-BROWN-DAC8822QB Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Descripción similar - DAC8820IC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com