Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAC40C-806-01 Datasheet(PDF) 3 Page - Bookham, Inc.

No. de Pieza. BAC40C-806-01
Descripción  40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BOOKHAM [Bookham, Inc.]
Página de inicio  
Logo 

BAC40C-806-01 Datasheet(HTML) 3 Page - Bookham, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
3
Microchannel Cooler
Dimensions (mm)
Bottom
Ø3.2
2.17
Beam
Height
B
1.9
11.7
12.55
28.5
17.65
Coolant
Connection
Coolant
Connection
C
Side
Top
BAC40C-806-01
Microchannel Cooler with Base
and Cover Dimensions (mm)
Beam
Height
Coolant
Connection
Coolant
Connection
Ø4.5
Ø7
38.9
Neg –
Pos +
17.65
33.9
M3
M3
M3
BAC40C-806-02


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn