Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAC50C-806-02 Datasheet(PDF) 1 Page - Bookham, Inc.

No. de pieza BAC50C-806-02
Descripción Electrónicos  50W 806nm High Power Laser Diode Bar on Microchannel Cooler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOOKHAM [Bookham, Inc.]
Página de inicio  
Logo BOOKHAM - Bookham, Inc.

BAC50C-806-02 Datasheet(HTML) 1 Page - Bookham, Inc.

  BAC50C-806-02 Datasheet HTML 1Page - Bookham, Inc. BAC50C-806-02 Datasheet HTML 2Page - Bookham, Inc. BAC50C-806-02 Datasheet HTML 3Page - Bookham, Inc. BAC50C-806-02 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham BAC50C-806-01/02 laser bar on microchannel
cooler series has been designed to provide the high output
power and high reliability required for both solid-state laser
pumping and direct applications. The proprietary E2 front mirror
passivation process, developed at our Zurich site, prevents
Catastrophic Optical Damage (COD) to the laser diode facet
even at extremely high output powers. The laser bars are
mounted on an expansion matched CuW submount onto a
water-cooled microchannel package providing very high
reliability in CW and pulsed (1-Hz type) applications.
Features:
• Mounted 10mm x 1.2mm laser diode bar
• Active microchannel cooler (water-cooled)
• 50W operating power
• Highly reliable single quantum well MBE structure
• Telecom grade AuSn mounting technology
• Assembly option with Cu base and cover
• RoHS compliant
Applications:
• Solid state laser pumping
• Direct applications such as material processing
• Printing
• Medical
50W 806nm High Power Laser Diode Bar on
Microchannel Cooler
BAC50C-806-01/02


Número de pieza similar - BAC50C-806-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Isabellenhütte Heu...
BAC ISABELLENHUETTE-BAC Datasheet
4Mb / 3P
   PRECISION RESISTORS
BAC-M-R0001-5.0 ISABELLENHUETTE-BAC-M-R0001-5.0 Datasheet
4Mb / 3P
   PRECISION RESISTORS
logo
Murata Power Solutions ...
BAC05 MURATA-PS-BAC05 Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
BAC05S05DC MURATA-PS-BAC05S05DC Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
BAC05S12DC MURATA-PS-BAC05S12DC Datasheet
894Kb / 10P
   Isolated 5W Regulated Single Output AC/DC Converters
2023
More results

Descripción similar - BAC50C-806-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
   120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
   110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
   80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
   80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
   Microchannel Cooler Based Lateral Laser Diode Bar Arrays
BPC40C-806 BOOKHAM-BPC40C-806 Datasheet
234Kb / 4P
   40W 806nm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
   50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
   80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
   60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com