Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALS151DE4 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza SN74ALS151DE4
Descripción Electrónicos  1-OF-8 DATA SELECTORS/MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS151DE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS151DE4 Datasheet HTML 1Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 2Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 3Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 4Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 5Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 6Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 7Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 8Page - Texas Instruments SN74ALS151DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ALS151, SN74ALS151, SN74AS151
1OF8 DATA SELECTORS/MULTIPLEXERS
SDAS205A − APRIL 1982 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS151
SN74ALS151
UNIT
MIN
MAX
MIN
MAX
tPLH
A, B, or C
Y
4
21
4
18
ns
tPHL
A, B, or C
Y
7
35
8
24
ns
tPLH
A, B, or C
W
5
36
7
24
ns
tPHL
A, B, or C
W
7
26
7
23
ns
tPLH
Any D
Y
3
14
3
10
ns
tPHL
Any D
Y
5
21
5
15
ns
tPLH
Any D
W
3
23
3
15
ns
tPHL
Any D
W
4
20
4
15
ns
tPLH
G
Y
4
21
4
18
ns
tPHL
G
Y
4
25
4
19
ns
tPLH
G
W
5
27
5
19
ns
tPHL
G
W
5
26
5
23
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74AS151
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74AS151
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−15
mA
IOL
Low-level output current
48
mA
TA
Operating free-air temperature
0
70
°C


Número de pieza similar - SN74ALS151DE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS151D TI-SN74ALS151D Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151D TI1-SN74ALS151D Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151DR TI1-SN74ALS151DR Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74ALS151DRE4 TI1-SN74ALS151DRE4 Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
More results

Descripción similar - SN74ALS151DE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74F151BDR TI1-SN74F151BDR Datasheet
80Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS152 HITACHI-HD74LS152 Datasheet
55Kb / 6P
   1-of-8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54F151B TI-SN54F151B Datasheet
76Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151 Datasheet
110Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_08 Datasheet
792Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS151 AEROFLEX-UT54ACS151 Datasheet
239Kb / 10P
   1 of 8 Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS151 TI1-SN54ALS151_15 Datasheet
743Kb / 16P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN54F151B TI1-SN54F151B_08 Datasheet
92Kb / 5P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74LS151 HITACHI-HD74LS151 Datasheet
61Kb / 6P
   1-of-8 Data Selectors/Multiplexers(with strobe)
logo
National Semiconductor ...
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com