Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71713DCKT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS71713DCKT
Descripción Electrónicos  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS71713DCKT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS71713DCKT Datasheet HTML 9Page - Texas Instruments TPS71713DCKT Datasheet HTML 10Page - Texas Instruments TPS71713DCKT Datasheet HTML 11Page - Texas Instruments TPS71713DCKT Datasheet HTML 12Page - Texas Instruments TPS71713DCKT Datasheet HTML 13Page - Texas Instruments TPS71713DCKT Datasheet HTML 14Page - Texas Instruments TPS71713DCKT Datasheet HTML 15Page - Texas Instruments TPS71713DCKT Datasheet HTML 16Page - Texas Instruments TPS71713DCKT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
Under-Voltage Lock-Out (UVLO)
Minimum Load
Power Dissipation
THERMAL INFORMATION
Thermal Protection
P
D
+ VIN * VOUT
I
OUT
(4)
Package Mounting
TPS717xx
SBVS068D – FEBRUARY 2006 – REVISED OCTOBER 2007
+35
°C above the maximum expected ambient
condition
of
your
particular
application.
This
The TPS717xx utilizes an under-voltage lock-out
configuration
produces
a
worst-case
junction
circuit to keep the output shut off until internal
temperature of +125
°C at the highest expected
circuitry is operating properly. The UVLO circuit has a
ambient temperature and worst-case load.
de-glitch
feature
so
that
it
typically
ignores
undershoot transients on the input if they are less
The internal protection circuitry of the TPS717xx has
than 50
µs duration.
been designed to protect against overload conditions.
It was not intended to replace proper heatsinking.
Continuously running the TPS717xx into thermal
shutdown will degrade device reliability.
The TPS717xx is stable and well-behaved with no
output load. Traditional PMOS LDO regulators suffer
from lower loop gain at very light output loads. The
The ability to remove heat from the die is different for
TPS717xx employs an innovative low-current mode
each
package
type,
presenting
different
circuit to increase loop gain under very light or
considerations in the printed circuit board (PCB)
no-load conditions, resulting in improved output
layout. The PCB area around the device that is free
voltage regulation performance down to zero output
of other components moves the heat from the device
current.
to the ambient air. Performance data for JEDEC low-
and high-K boards are given in the Dissipation
Ratings table. Using heavier copper will increase the
effectiveness in removing heat from the device. The
addition of plated through-holes to heat-dissipating
Thermal protection disables the output when the
layers also improves the heatsink effectiveness.
junction temperature rises to approximately +160
°C,
Power dissipation depends on input voltage and load
allowing the device to cool. When the junction
conditions. Power dissipation (PD) is equal to the
temperature cools to approximately +140
°C the
product of the output current times the voltage drop
output circuitry is again enabled. Depending on power
across the output pass element (VIN to VOUT), as
dissipation,
thermal
resistance,
and
ambient
shown in Equation 4:
temperature, the thermal protection circuit may cycle
on and off. This cycling limits the dissipation of the
regulator, protecting it from damage because of
overheating.
Any tendency to activate the thermal protection circuit
Solder
pad
footprint
recommendations
for
the
indicates
excessive
power
dissipation
or
an
TPS717xx are available from the Texas Instruments
inadequate heatsink. For reliable operation, junction
web site at www.ti.com.
temperature should be limited to +125
°C maximum.
To estimate the margin of safety in a complete design
(including
heatsink),
increase
the
ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13


Número de pieza similar - TPS71713DCKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71713DCKT TI-TPS71713DCKT Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71713DCKT TI-TPS71713DCKT Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71713DCKT TI-TPS71713DCKT Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71713DCKT TI-TPS71713DCKT Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71713DCKT TI1-TPS71713DCKT Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Descripción similar - TPS71713DCKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com