Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC548B Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza BC548B
Descripción Electrónicos  NPN GENERAL PURPOSE TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC548B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC548B Datasheet HTML 1Page - Pan Jit International Inc. BC548B Datasheet HTML 2Page - Pan Jit International Inc. BC548B Datasheet HTML 3Page - Pan Jit International Inc. BC548B Datasheet HTML 4Page - Pan Jit International Inc. BC548B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-DEC.02.2005
BC546,BC547,BC548 SERIES
NPN GENERAL PURPOSE TRANSISTOR
VOLTAGE
30V/45V/65V
625 mWatts
FEATURES
• NPN epitaxial silicon, planar design
• Collector current I
C = 100mA
• Complimentary (PNP) device:BC556,BC557,BC558 Series
• Pb free product :99% Sn above can meet RoHS
environment substance directive request
MECHANICAL DATA
• Case: TO-92
• Terminals: Solderable per MIL-STD-202, Method 208
• Approx Weight : 0.02grams
• Device Marking :
POWER
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
A
6
4
5
=
A
6
4
5
C
BB
6
4
5
=
B
6
4
5
C
B-
A
7
4
5
=
A
7
4
5
C
BB
7
4
5
=
B
7
4
5
C
BC
7
4
5
=
C
7
4
5
C
B
A
8
4
5
=
A
8
4
5
C
BB
8
4
5
=
B
8
4
5
C
BC
8
4
5
=
C
8
4
5
C
B
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
C
6
4
5
C
B
7
4
5
C
B
8
4
5
C
B
V
O
E
C
5
6
5
4
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
l
l
o
C
6
4
5
C
B
7
4
5
C
B
8
4
5
C
B
V
O
B
C
0
8
0
5
0
3
V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
6
4
5
C
B
7
4
5
C
B
8
4
5
C
B
V
O
B
E
0
.
6
0
.
6
0
.
5
V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
l
l
o
CI
C
0
0
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
MP
T
O
T
5
2
6W
m
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
5
-
OC
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
0
5
1
o
t
5
5
-
OC
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θ A
J
0
0
2
O
W
/
C


Número de pieza similar - BC548B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC548B ONSEMI-BC548B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Siemens Semiconductor G...
BC548B SIEMENS-BC548B Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
SHENZHEN YONGERJIA INDU...
BC548B WINNERJOIN-BC548B Datasheet
102Kb / 1P
   TRANSISTOR (NPN)
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
21Kb / 2P
   NPN General Purpose Amplifier
More results

Descripción similar - BC548B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com