Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847C Datasheet(PDF) 6 Page - Pan Jit International Inc.

No. de pieza BC847C
Descripción Electrónicos  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847C Datasheet(HTML) 6 Page - Pan Jit International Inc.

  BC847C Datasheet HTML 1Page - Pan Jit International Inc. BC847C Datasheet HTML 2Page - Pan Jit International Inc. BC847C Datasheet HTML 3Page - Pan Jit International Inc. BC847C Datasheet HTML 4Page - Pan Jit International Inc. BC847C Datasheet HTML 5Page - Pan Jit International Inc. BC847C Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PAGE . 6
STAD-NOV.17.2004
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3.0K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation
of the device in the application. The information will help the customer's technical experts determine that the device is
compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed
to be reliable and accurate. The specifications and information herein are subject to change without notice. New products
and improvements in products and product characterization are constantly in process. Therefore, the factory should be
consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
The information presented in this document does not form part of any quotation or contract. The information presented is
believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the
publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
SOT-23
Unit: inch (mm)
0.037(0.95)
0.031(0.8)
BC846,BC847,BC848,BC849,BC850 SERIES


Número de pieza similar - BC847C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Formosa MS
BC847C FORMOSA-BC847C Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Weitron Technology
BC847C WEITRON-BC847C Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
Rectron Semiconductor
BC847C RECTRON-BC847C Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
Micro Commercial Compon...
BC847C MCC-BC847C Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Descripción similar - BC847C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com