Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZX584C2V4 Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de Pieza. BZX584C2V4
Descripción  SURFACE MOUNT SILICON ZENER DIODES
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo 

BZX584C2V4 Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-DEC.20.2005
BZX584C2V4~BZX584C75
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
2.4 to 75 Volts
POWER
200 mWatts
FEATURES
• Planar Die construction
• 200mW Power Dissipation
• Zener Voltages from 2.4~75V
• Ideally Suited for Automated Assembly Processes
• Pb free product : 99% Sn above can meet RoHS environment
substance diective request
MECHANICAL DATA
• Case: SOD-523, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Standard packaging : 8mm tape
• Weight : approximately 0.002
MAXIMUM RATINGS
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
V
s
t
i
n
U
T
@
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
A
5
2
=
O
)
A
e
t
o
N
(
CP
D
0
0
2W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J
0
5
1
+
o
t
5
5
-
O C


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ZMD1Surface mount diode Zener silicon diodes 1 Semikron International
BZX84CSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
2BZX84C3V0_07Surface mount Silicon Planar Dual Zener Diodes 1 2 Diotec Semiconductor
MM3Z2V4_07Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
ZMM3B9Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
MMSZ5225B_07Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
ZMM1_07Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
Z1SMA1Surface mount diode Zener silicon diodes 1 Semikron International
BZT52-B4V3SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
ZMC2.4Surface mount Silicon Planar Zener Diodes 1 2 Diotec Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn