Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCHR16245ZQLR Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza 74ALVCHR16245ZQLR
Descripción Electrónicos  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74ALVCHR16245ZQLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74ALVCHR16245ZQLR Datasheet HTML 2Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 3Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 4Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 5Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 6Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 7Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 8Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 9Page - Texas Instruments 74ALVCHR16245ZQLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
OPERATING CHARACTERISTICS
SN74ALVCHR16245
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES064G – DECEMBER 1995 – REVISED OCTOBER 2004
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
24
32
Power dissipation
Cpd
CL = 50 pF,
f = 10 MHz
pF
capacitance
Outputs disabled
(1)
4
5
(1)
This information was not available at the time of publication.
6


Número de pieza similar - 74ALVCHR16245ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ALVCHR16245ZQLR TI-74ALVCHR16245ZQLR Datasheet
296Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - 74ALVCHR16245ZQLR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com