Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMEN-220A Datasheet(PDF) 1 Page - Sanken electric

No. de pieza FMEN-220A
Descripción Electrónicos  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMEN-220A Datasheet(HTML) 1 Page - Sanken electric

  FMEN-220A Datasheet HTML 1Page - Sanken electric FMEN-220A Datasheet HTML 2Page - Sanken electric FMEN-220A Datasheet HTML 3Page - Sanken electric FMEN-220A Datasheet HTML 4Page - Sanken electric FMEN-220A Datasheet HTML 5Page - Sanken electric FMEN-220A Datasheet HTML 6Page - Sanken electric FMEN-220A Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Schottky Barrier Diode
FMEN-220A
March, 2006
.
Sanken Electric Co.,Ltd.
D01-010EA-060310
■General Description
FMEN-220A is a High Voltage (100V) Schottky Barrier
Diode, and has achieved low leakage current and low VF by
selecting the best barrier metal.
■Package---TO220F
■Applications
● DC-DC converters
● AC adapter
● High frequency rectification circuit
■Features
● High Voltage 100V guaranteed.
● Steady operation is possible even at the high temperature
by the low leakage current.
● Super-high speed & low switching noise.
● Low forward voltage drop
.
■Key Specifications
Item
Unit
Rating
Conditions
VRM
V
100
VF
V
0.85
IF=10A
IF(AV)
A
20
Typical Characteristics
IF-VF Charcteristics
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
00.511.5
VF (V)
VR-IR Characteristics
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
10
203040
50607080
90
100
VR (V)
Tj=150℃
Tj=100℃
Tj=25℃
Tj=25℃
Tj=100℃
Tj=150℃
http://www.sanken-ele.co.jp/en/
1/7


Número de pieza similar - FMEN-220A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
FMEN-220A SANKEN-FMEN-220A Datasheet
317Kb / 7P
   Schottky Barrier Diode
logo
Inchange Semiconductor ...
FMEN-220A ISC-FMEN-220A Datasheet
235Kb / 2P
   Schottky Barrier Rectifier
logo
Sanken electric
FMEN-220A SANKEN-FMEN-220A_07 Datasheet
317Kb / 7P
   Schottky Barrier Diode
More results

Descripción similar - FMEN-220A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com