Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65100PWPRG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS65100PWPRG4
Descripción Electrónicos  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS65100PWPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65100PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS65100PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
10
20
30
40
50
60
70
80
90
100
1
10
100
1 k
Vo1 = 6 V
IL − Load Current − mA
Vo1 = 15 V
Vo1 = 10 V
VI = 3.3 V
Vo2, Vo3 = No Load, Switching
10
20
30
40
50
60
70
80
90
100
1
10
100
1 k
IL − Load Current − mA
Vo1 = 15 V
Vo1 = 10 V
VI = 5 V
Vo2, Vo3 = No Load, Switching
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
6
Vo1 = 6 V
Vo1 = 15 V
Vo1 = 10 V
ILoad at Vo1 = 100 mA
Vo2, Vo3 = No Load, Switching
VI - Input V oltage - V
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
FIGURE
Main Boost Converter
Efficiency, main boost converter VO1
vs Load current
1
η
Efficiency, main boost converter VO1
vs Load current
2
Efficiency
vs Input voltage
3
fsw
Switching frequency
vs Free-air temperature
4
rDS(on)
rDS(on) N-Channel main switch Q1
vs Free-air temperature
5
PWM operation, continuous mode
6
PWM operation at light load
7
Load transient response, CO = 22 µF
8
Load transient response, CO = 2 x 22 µF
9
Power-up sequencing
10
Soft start VO1
11
Negative Charge Pump
Imax
VO2 Maximum load current
vs Output voltage VO1
12
Positive Charge Pump
Imax
VO3 Maximum load current
vs Output voltage VO1 (doubler mode)
13
Imax
VO3 Maximum load current
vs Output voltage VO1 (tripler mode)
14
EFFICIENCY
EFFICIENCY
EFFICIENCY
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
INPUT VOLTAGE
Figure 1.
Figure 2.
Figure 3.
8
Submit Documentation Feedback


Número de pieza similar - TPS65100PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65100PWP TI-TPS65100PWP Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Descripción similar - TPS65100PWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Maxim Integrated Produc...
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com