Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS65100RGERG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de Pieza. TPS65100RGERG4
Descripción  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
Descarga  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS65100RGERG4 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9 10 11 12
19
20
21
22
23
24
Exposed
Thermal Die*
COMP
ENR
EN
FB1
FB4
BASE
C2−/MODE
C2+
OUT3
FB3
VCOMIN
VCOM
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
FB1
FB4
BASE
VIN
SW
SW
PGND
PGND
SUP
VCOM
VCOMIN
FB3
EN
ENR
COMP
FB2
REF
GND
DRV
C1−
C1+
C2−/MODE
C2+
OUT3
PWP PACKAGE
TOP VIEW
RGE PACKAGE
TOP VIEW
TPS65100, TPS65101
TPS65105
SLVS496C – SEPTEMBER 2003 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
V
in = 3.3 V, EN = VIN, VO1 = 10 V, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI - VO4 - VBE ≥ 0.5 V (1)
13.5
19
IBASE
Maximum base drive current
mA
VI - VO4 - VBE ≥ 0.75 V (1)
20
27
Line regulation
4.75 V
≤ V
I ≤ 5.5 V, Iload = 500 mA
0.186
%/V
Load regulation
1 mA
≤ I
O ≤ 500 mA, VI = 5 V
0.064
%/A
Start up current
VO4 ≤ 0.8 V
11
20
25
mA
VCOM BUFFER
Vcm
Common mode input range
2.25
(VO1)-2
V
Vos
Input offset voltage
IO = 0 mA
-25
+25
mV
IO = ±25 mA
-30
37
IO = ±50 mA
-45
55
DC Load regulation
mV
IO = ±100 mA
-72
85
IO = ±150 mA
-97
110
IB
VCOMIN Input bias current
-300
-30
300
nA
VO1 = 15 V
1.2
A
Ipeak
Peak output current
VO1 = 10 V
0.65
A
VO1 = 5 V
0.15
A
FAULT PROTECTION THRESHOLDS
-8.75%
V(th, Vo1)
VO1 Rising
-12
-6
V
VO1
Shutdown threshold
V(th, Vo2)
VO2 Rising
-13
-9% VO2
-5
V
V(th, Vo3)
VO3 Rising
-11
-8% VO3
-5
V
(1)
With VI = supply voltage of the TPS6510x, VO4 = output voltage of the regulator, VBE = basis emitter voltage of external transistor
5
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MAX1540ADual Step-Down Controllers with Saturation Protection Dynamic Output and Linear Regulator 1 2 3 4 5 MoreMaxim Integrated Products
NCV4269_075.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
RT9232PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT 1 2 3 4 5 MoreRichtek Technology Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
NCV4279_055.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
SY89221UPrecision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
NCP1086_051.5 A Adjustable and 3.3 V Fixed Output Linear Regulator 1 2 3 4 5 MoreON Semiconductor
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn