Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS1620 Datasheet(PDF) 10 Page - Maxim Integrated Products

No. de pieza DS1620
Descripción Electrónicos  Operating Instructions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1620 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1620 Datasheet HTML 3Page - Maxim Integrated Products DS1620 Datasheet HTML 4Page - Maxim Integrated Products DS1620 Datasheet HTML 5Page - Maxim Integrated Products DS1620 Datasheet HTML 6Page - Maxim Integrated Products DS1620 Datasheet HTML 7Page - Maxim Integrated Products DS1620 Datasheet HTML 8Page - Maxim Integrated Products DS1620 Datasheet HTML 9Page - Maxim Integrated Products DS1620 Datasheet HTML 10Page - Maxim Integrated Products DS1620 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DS1703K
10 of 11
Figure 14. DS1722 Thermometer Tab
The first item of importance on this form is the SPI or 3-wire Interface option button. When using
the DS1722, this should be the first option selected to ensure the part communicates properly.
Although these buttons do not change anything internal to the part, the software transmits and
receives data much differently based on the option chosen. If the SPI interface is chosen please note
that the communication process is quite slow. The DS9123 serial interface module is not designed
for SPI data transfer, and thus the process is tedious. All commands are functional, but the software
may be slow to respond to button presses and changes.
The two large buttons toward the top left of the form are used to start and stop temperature
conversions. The functionality of these buttons is directly tied to the status of the option buttons
located in the Device Preferences section. If the 1-Shot mode is selected, clicking Start Temperature
Conversion reads the configuration register from address 00h, sets the 1SHOT bit (bit 4), then writes
the data to address 80h. If the DS1722 is in Continuous conversion mode, pressing the button does
nothing. Pressing the Stop Temperature Conversion button will put the device in 1-Shot mode. The
configuration register is read from address 00h, the SD bit (bit 0) is set, and then the data is written
to address 80h.
The bottom section of the form allows the user to select the resolution the device is to use to report
temperature. Pressing any of these buttons changes the contents of the configuration register to the
desired resolution state. This is done by reading address 00h, modifying the R0-R2 bits, and then
writing the data to address 80h.
DS1722 Registers Tab
The second tab for the DS1722 is the Registers tab. This tab displays the status of the configuration
register. When this tab is selected the configuration register is not read every 2.5s as indicated in the
previous section. However, the temperature register is still read. The three combo boxes on the right
side of the form allow the user to view the current settings of the register, and change them to a
different setting. The hex value of the configuration register is shown in the small text box at the top.
This text box is read only.


Número de pieza similar - DS1620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1620 MAXIM-DS1620 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS1620++ MAXIM-DS1620+ Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620S MAXIM-DS1620S Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
More results

Descripción similar - DS1620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ebm-papst
K1G200-AD65-04 EBMPAPST-K1G200-AD65-04 Datasheet
1Mb / 9P
   Operating instructions
K3G200-BD64-04 EBMPAPST-K3G200-BD64-04 Datasheet
428Kb / 9P
   Operating instructions
logo
Bosch Sensortec GmbH
TDA26 BOSCH-TDA26 Datasheet
1Mb / 2P
   Operating instructions
logo
Molex Electronics Ltd.
0011311570 MOLEX11-0011311570 Datasheet
106Kb / 3P
   OPERATING INSTRUCTIONS
logo
Sanyo Semicon Device
MAR-B1021 SANYO-MAR-B1021 Datasheet
146Kb / 12P
   OPERATING INSTRUCTIONS
logo
WORLDSEMI CO., LIMITED
DMX512 WORLDSEMI-DMX512 Datasheet
1Mb / 2P
   decoder operating instructions
logo
ifm electronic Ltd.
SI5000 IFM-SI5000 Datasheet
295Kb / 13P
   Operating instructions Flow monitors
logo
National Semiconductor ...
LMX2531LQ1415E NSC-LMX2531LQ1415E_14 Datasheet
2Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1515E NSC-LMX2531LQ1515E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
logo
List of Unclassifed Man...
1335X ETC1-1335X Datasheet
1Mb / 9P
   OPERATING INSTRUCTIONS & PARTS MANUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com