Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N964B Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

No. de pieza 1N964B
Descripción Electrónicos  Hermetically Sealed Glass Package Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEL [TRANSYS Electronics Limited]
Página de inicio  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

1N964B Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  1N964B Datasheet HTML 1Page - TRANSYS Electronics Limited 1N964B Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N957B to 1N977B
DO- 35
Glass Axial Package
Hermetically Sealed Glass Package Zener Diodes
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise )
V
mW
mW/ºC
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
VF < 1.5V max @ IF=200mA
Device
* Nominal
Zener
Max DC
Max. Surge
Max Temp.
(Note 1)
Zener
Test
Zener Current
Current
Coefficient
Voltage
Current
(Recurrent)
Voltage
VZ @ IZT
IZT
ZZT @
IZM
IZ ( Surge)
Vz
IZT
ZZK
IZK
(Volts)
(mA)
(
Ω)
(
Ω)
(mA)
(
µµA)
(Volts)
(mA)
(mA)
% / ºC
1N957B
6.8
18.5
4.5
700
1.0
150
5.2
55
300
+0.05
1N958B
7.5
16.5
5.5
700
0.5
75
5.7
50
275
+0.058
1N959B
8.2
15
6.5
700
0.5
50
6.2
45
250
+0.065
1N960B
9.1
14
7.5
700
0.5
25
6.9
41
225
+0.068
1N961B
10
12.5
8.5
700
0.25
10
7.6
38
200
+0.075
1N962B
11
11.5
9.5
700
0.25
5
8.4
32
175
+0.076
1N963B
12
10.5
11.5
700
0.25
5
9.1
31
160
+0.077
1N964B
13
9.5
13
700
0.25
5
9.9
28
150
+0.079
1N965B
15
8.5
16
700
0.25
5
11.4
25
130
+0.082
1N966B
16
7.8
17
700
0.25
5
12.2
24
120
+0.083
1N967B
18
7.0
21
750
0.25
5
13.7
20
110
+0.085
1N968B
20
6.2
25
750
0.25
5
15.2
18
100
+0.086
1N969B
22
5.6
29
750
0.25
5
16.7
16
90
+0.087
1N970B
24
5.2
33
750
0.25
5
18.2
15
80
+0.088
1N971B
27
4.6
41
750
0.25
5
20.6
13
70
+0.090
1N972B
30
4.2
49
1000
0.25
5
22.8
12
65
+0.091
1N973B
33
3.8
58
1000
0.25
5
25.1
11
60
+0.092
1N974B
36
3.4
70
1000
0.25
5
27.4
10
55
+0.093
1N975B
39
3.2
80
1000
0.25
5
29.7
9.5
46
+0.094
1N976B
43
3.0
93
1500
0.25
5
32.7
8.8
44
+0.095
1N977B
47
2.7
105
1500
0.25
5
35.8
7.9
40
+0.095
Note (1) : Part No. suffix specifies the Tolerance of VZ
No Suffix = +/- 20%
Suffix A = +/- 10%
Suffix B = +/- 5%
* Pulse Condition : 20mS < tp 50mS, Duty Cycle <2%
Operating and Storage Temperature
-65 to +175
UNIT
Zener Voltage
Steady State Power Dissipation
Derating Factor above 50ºC
6.8 to 47
400
3.2
VALUE
DESCRIPTION
IR @ VR
Max Zener
Impedance
ZZK @
Max Reverse
Leakage Current
Transys
Electronics
LI M ITE D


Número de pieza similar - 1N964B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
1N964B JGD-1N964B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Tak Cheong Electronics ...
1N964B TAK_CHEONG-1N964B Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N964B CDI-DIODE-1N964B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Tak Cheong Electronics ...
1N964B TAK_CHEONG-1N964B Datasheet
167Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
General Semiconductor
1N964B GE-1N964B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N964B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B_15 Datasheet
201Kb / 8P
   0.5W Hermetically Sealed Glass Zener Diodes
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com