Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4737A Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

No. de pieza 1N4737A
Descripción Electrónicos  SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEL [TRANSYS Electronics Limited]
Página de inicio  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

1N4737A Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  1N4737A Datasheet HTML 1Page - TRANSYS Electronics Limited 1N4737A Datasheet HTML 2Page - TRANSYS Electronics Limited 1N4737A Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
1N4728A to 1N4762A
3.3V to 82V
DO-41
Glass Axial Package
FEATURES
These Zeners are best su
ited for General Purpose Industrial, Entertainment, Military & Space Applications.
The Glass Passivated Chips are Hermetically Sealed with Double Studs, Providing Excellent Stability and
Reliability.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Power Dissipation @ Ta=50ºC
PD
1W
Derate above 50ºC
6.67
mW/ºC
Operating and Storage Temperature
Tstg
- 65 to+200
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC VF <1.2V @ 200mA )
Device
VZT ** @ IZT
rzt **
IZT
rZK @IZK
Temp . Coeff
IR
VR
IZM
IZSM *
of
Nominal
MAX
MAX
Zener Voltage
Max
Max
Max
typ.
(V)
(
Ω)
(mA)
(
Ω)
(mA)
%/ ºC
(
µA)
(V)
(mA)
(mA)
1N4728A
3.3
10
76.0
400
1.0
-0.06
100
1.0
276
1380
1N4729A
3.6
10
69.0
400
1.0
-0.06
100
1.0
252
1260
1N4730A
3.9
9.0
64.0
400
1.0
-0.05
50
1.0
234
1190
1N4731A
4.3
9.0
58.0
400
1.0
-0.03
10
1.0
217
1070
1N4732A
4.7
8.0
53.0
500
1.0
-0.01
10
1.0
193
970
1N4733A
5.1
7.0
49.0
550
1.0
0.01
10
1.0
178
890
1N4734A
5.6
5.0
45.0
600
1.0
0.03
10
2.0
162
810
1N4735A
6.2
2.0
41.0
700
1.0
0.04
10
3.0
146
730
1N4736A
6.8
3.5
37.0
700
1.0
0.05
10
4.0
133
660
1N4737A
7.5
4.0
34.0
700
0.5
0.05
10
5.0
121
605
1N4738A
8.2
4.5
31.0
700
0.5
0.06
10
6.0
110
550
1N4739A
9.1
5.0
28.0
700
0.5
0.06
10
7.0
100
500
1N4740A
10
7.0
25.0
700
0.25
0.07
10
7.6
91
454
1N4741A
11
8.0
23.0
700
0.25
0.07
5
8.4
83
414
1N4742A
12
9.0
21.0
700
0.25
0.07
5
9.1
76
380
1N4743A
13
10
19.0
700
0.25
0.07
5
9.9
69
344
1N4744A
15
14
17.0
700
0.25
0.08
5
11.4
61
304
1N4745A
16
16
15.5
700
0.25
0.08
5
12.2
57
285
1N4746A
18
20
14.0
750
0.25
0.08
5
13.7
50
250
1N4747A
20
22
12.5
750
0.25
0.08
5
15.2
45
225
1N4748A
22
23
11.5
750
0.25
0.08
5
16.7
41
205
1N4749A
24
25
10.5
750
0.25
0.08
5
18.2
38
190
1N4750A
27
35
9.5
750
0.25
0.09
5
20.6
34
170
1N4751A
30
40
8.5
1000
0.25
0.09
5
22.8
30
150
1N4752A
33
45
7.5
1000
0.25
0.09
5
25.1
27
135
Transys
Electronics
LI M ITE D


Número de pieza similar - 1N4737A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
1N4737A CHONGQING-1N4737A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
RFE international
1N4737A RFE-1N4737A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
NXP Semiconductors
1N4737A PHILIPS-1N4737A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4737A VISHAY-1N4737A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Yangzhou yangjie electr...
1N4737A YANGJIE-1N4737A Datasheet
188Kb / 3P
   Zener Diodes
More results

Descripción similar - 1N4737A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
1N4728A CDIL-1N4728A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_13 Datasheet
279Kb / 7P
   1.0 Watt Glass Passivated Junction Silicon Zener Diodes
logo
Continental Device Indi...
1N4477 CDIL-1N4477 Datasheet
81Kb / 3P
   SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
ZY75 CDIL-ZY75 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
   1.0 WATT METAL SILICON ZENER DIODES
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com