Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB1HMU2915533290653 Datasheet(PDF) 1 Page - Bookham, Inc.

No. de pieza CB1HMU2915533290653
Descripción Electrónicos  100GHz WDM Filter Components for OADM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOOKHAM [Bookham, Inc.]
Página de inicio  
Logo BOOKHAM - Bookham, Inc.

CB1HMU2915533290653 Datasheet(HTML) 1 Page - Bookham, Inc.

  CB1HMU2915533290653 Datasheet HTML 1Page - Bookham, Inc. CB1HMU2915533290653 Datasheet HTML 2Page - Bookham, Inc. CB1HMU2915533290653 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
100GHz WDM Filter
Components for OADM
Features
• 27.5GHz and 50GHz clear
channel passbands
• ITU and custom wavelengths
• Deep reflection isolation for
OADM
• Accurate wavelength
centering
• High adjacent channel
transmission isolation
• Low express channel loss
• Flat transmission passband
for cascading
• Excellent temperature
stability
Options
• Custom wavelength
• L-Band available
• Low chromatic dispersion
version
• Compact packaging: 3.2mm
diameter
• Rugged packaging
Applications
• Add/drop multiplexing
• Metro and long-haul WDM
Compliance
• GR-1221 qualified
• RoHS compliant (5/6)
Bookham narrowband filters leverage the
proprietary Advanced Energetic Deposition (AED)
process to produce the industry’s best banded filter
solution. The AED process features state-of-the-art
layer thickness control to produce thin-film
interference filters that are unparalleled for optical
add/drop multiplexing (OADM) WDM applications. A
range of 100GHz single channel filters are available.
100 Standard
This product is intended for construction of multiplexer
and demultiplexer systems. It provides high performance
and lowest cost.
100 OADM
This product features improved performance for
reflection isolation, transmission isolation and chromatic
dispersion. This part is designed for more demanding
applications such as channel by channel optical add/drop
multiplexing or lower chromatic dispersion mux/demux
designs.
100 Wide-Top
This product features the widest available clear channel
width. Wider clear channel provides for less rounding of
the channel passband after the cascading of filters. The
wider clear channel also allows for the wider spectral
width of high-chirp lasers or 40Gb/s modulation rates.
Standard 5.5mm diameter packaging is available with the
boot/length specification needed to meet your
application. The optional compact packaging has
diameter of only 3.2mm. All Bookham filter components
are Telcordia GR-1221 qualified and 5/6 RoHS compliant.


Número de pieza similar - CB1HMU2915533290653

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
CB1HMU211553329 BOOKHAM-CB1HMU211553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1HMU211560200 BOOKHAM-CB1HMU211560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1HMU211560200 BOOKHAM-CB1HMU211560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1HMU221553329 BOOKHAM-CB1HMU221553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1HMU221560200 BOOKHAM-CB1HMU221560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Descripción similar - CB1HMU2915533290653

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
CB2SLU1115533290653 BOOKHAM-CB2SLU1115533290653 Datasheet
93Kb / 3P
   200GHz WDM Filter Components for OADM
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
logo
TDK Electronics
B39751B8317P810 TDK-B39751B8317P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for Femtocell
logo
OPLINK Communications I...
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
logo
TDK Electronics
B39202B9610P810 TDK-B39202B9610P810 Datasheet
163Kb / 8P
   SAW Components SAW Filter for smallcells
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com