Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1625 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

No. de pieza 2SA1625
Descripción Electrónicos  Plastic-Encapsulated Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEL [TRANSYS Electronics Limited]
Página de inicio  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA1625 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SA1625 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulated Transistors
2SA1625 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM
: 750
mW (Tamb=25
℃)
Collector current
ICM
: -0.5
A
Collector-base voltage
V(BR)CBO : -400
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-100µA, IE=0
-400
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-1mA, IB=0
-400
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-7
V
Collector cut-off current
ICBO
VCB=-400V, IE=0
-1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-1
µA
DC current gain
hFE(1)
VCE=-5V, IC=-50mA
40
200
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-1
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-10mA
-1.2
V
Transition frequency
fT
VCE=-10V, IC=-10mA
10
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
20
40
pF
Turn-on Time
ton
1
µs
Storage Time
tstg
5
µs
Fall-Time
tf
VCC=-150V, Ic=-100mA,
IB!=IB2-10mA, RL=1.5K
1
µs
CLASSIFICATION OF
hFE(1)
Rank
M
L
K
Range
40-80
60-120
100-200
1 2 3
TO-92
1.
EMITTER
2.
COLLECTOR
3.
BASE
Transys
Electronics
LI M ITE D


Número de pieza similar - 2SA1625

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SA1625 NEC-2SA1625 Datasheet
194Kb / 4P
   PNP SILICON TRANSISTOR(general purpose amplifier and high speed switching)
logo
SHENZHEN YONGERJIA INDU...
2SA1625 WINNERJOIN-2SA1625 Datasheet
135Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
2SA1625 JIANGSU-2SA1625 Datasheet
940Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Renesas Technology Corp
2SA1625 RENESAS-2SA1625 Datasheet
348Kb / 6P
   PNR SILICON TRANSISTOR
1988
logo
Nanjing International G...
2SA1625 DGNJDZ-2SA1625 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
More results

Descripción similar - 2SA1625

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com