Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BDX54C Datasheet(Hoja de datos) 1 Page - TRANSYS Electronics Limited

No. de Pieza. BDX54C
Descripción  NPN PLASTIC POWER TRANSISTORS
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TEL [TRANSYS Electronics Limited]
Página de inicio  http://www.transyselectronics.com
Logo 

   
 1 page
background image
BDX53, 53A, 53B, 53C
NPN PLASTIC POWER TRANSISTORS
BDX54, 54A, 54B, 54C
PNP PLASTIC POWER TRANSISTORS
Power Darlingtons for Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
53 53A 53B 53C
54 54A 54B 54C
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Collector current
IC
max.
8.0
A
Total power dissipation up to TC = 25°C Ptot
max.
60
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 3 A; IB = 12 mA
VCEsat
max.
2.0
V
D.C. current gain
IC = 3 A; VCE = 3 V
hFE
min.
750
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
53 53A 53B 53C
54 54A 54B 54C
Collector-base voltage (open emitter)
VCBO
max. 45
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 45
60
80
100
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
BDX53, BDX53A, BDX53B, BDX53C
BDX54, BDX54A, BDX54B, BDX54C
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Transys
Electronics
LI M ITE D




Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BD675ANPN PLASTIC POWER DARLINGTON TRANSISTORS 1 2 3 TRANSYS Electronics Limited
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BSP41SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS 1 Zetex Semiconductors
SPT462410 AMP NPN HIGH VOLTAGE POWER SWITCHING TRANSISTORS 1 2 Solid States Devices, Inc
BSR40SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS 1 Zetex Semiconductors
BC737NPN SILICON AF MEDIUM POWER TRANSISTORS 1 2 Micro Electronics
MMJT9410Bipolar Power Transistors NPN Silicon 1 2 3 4 5 ON Semiconductor
BSR41SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS 1 Zetex Semiconductors
BUL310PIHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BU941ZP_05HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl