Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC912XDP512F0CFV Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

No. de pieza MC912XDP512F0CFV
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
Download  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC912XDP512F0CFV Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MC912XDP512F0CFV Datasheet HTML 76Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 77Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 78Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 79Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 80Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 81Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 82Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 83Page - Freescale Semiconductor, Inc MC912XDP512F0CFV Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
80
Freescale Semiconductor
2.1.2
Modes of Operation
This subsection lists and briefly describes all operating modes supported by the CRG.
Run mode
All functional parts of the CRG are running during normal run mode. If RTI or COP functionality
is required, the individual bits of the associated rate select registers (COPCTL, RTICTL) have to
be set to a nonzero value.
Wait mode
In this mode, the PLL can be disabled automatically depending on the PLLSEL bit in the CLKSEL
register.
Stop mode
Depending on the setting of the PSTP bit, stop mode can be differentiated between full stop mode
(PSTP = 0) and pseudo stop mode (PSTP = 1).
— Full stop mode
The oscillator is disabled and thus all system and core clocks are stopped. The COP and the
RTI remain frozen.
— Pseudo stop mode
The oscillator continues to run and most of the system and core clocks are stopped. If the
respective enable bits are set, the COP and RTI will continue to run, or else they remain frozen.
Self clock mode
Self clock mode will be entered if the clock monitor enable bit (CME) and the self clock mode
enable bit (SCME) are both asserted and the clock monitor in the oscillator block detects a loss of
clock. As soon as self clock mode is entered, the CRG starts to perform a clock quality check. Self
clock mode remains active until the clock quality check indicates that the required quality of the
incoming clock signal is met (frequency and amplitude). Self clock mode should be used for safety
purposes only. It provides reduced functionality to the MCU in case a loss of clock is causing
severe system conditions.


Número de pieza similar - MC912XDP512F0CFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC912XDP512F0CFVR FREESCALE-MC912XDP512F0CFVR Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
More results

Descripción similar - MC912XDP512F0CFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S12XDG128CAL FREESCALE-MC9S12XDG128CAL Datasheet
7Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
MC9S12XDP512 FREESCALE-MC9S12XDP512 Datasheet
4Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
MC9S12XDT512CAA FREESCALE-MC9S12XDT512CAA Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDP512CAG FREESCALE-MC9S12XDP512CAG Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDT256MAA FREESCALE-MC9S12XDT256MAA Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet Covers S12XD, S12XB & S12XA Families
MC9S12XDT256MAL FREESCALE-MC9S12XDT256MAL Datasheet
7Mb / 1348P
   This documentation covers all devices in the S12XD, S12XB and S12XA families.
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com