Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV008T-90RFI Datasheet(PDF) 8 Page - Advanced Micro Devices

No. de pieza AM29LV008T-90RFI
Descripción Electrónicos  8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008T-90RFI Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29LV008T-90RFI Datasheet HTML 4Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 5Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 6Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 7Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 8Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 9Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 10Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 11Page - Advanced Micro Devices AM29LV008T-90RFI Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
Am29LV008T/Am29LV008B
PRELIMINARY
USER BUS OPERATIONS
Read Mode
The Am29LV008 has three control functions which
must be satisfied in order to obtain data at the outputs:
s CE is the power control and should be used for de-
vice selection (CE = VIL)
s OE is the output control and should be used to gate
data to the output pins if the device is selected
(OE = VIL)
s WE remains at VIH
Address access time (TACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (TCE) is the delay from stable addresses
and stable CE to valid data at the output pins. The out-
put enable access time (TOE) is the delay from the fall-
ing edge of OE to valid data at the output pins
(assuming the addresses have been stable at least
TACC – TOE time).
Standby Mode
The Am29LV008 is designed to accommodate low
standby power consumption by applying the following
voltages to the CE and RESET pins: ICC3 for CMOS
compatible I/Os (current consumption <5
µA max.) is
enabled when a CMOS logic level ‘1’ (VCC ± 0.3 V) is
applied to the CE control pin with RESET = VCC ± 0.3
V. While in the ICC3 standby mode, the data I/O pins re-
main in the high impedance state independent of the
voltage level applied to the OE input. See the DC Char-
acteristics section for more details on Standby Modes.
Deselecting CE (CE and RESET = VCC ± 0.3 V) puts
the device into the ICC3 standby mode. If the device is
deselected during an Embedded Algorithm operation,
it continues to draw active power (ICC2) prior to entering
the standby mode, until the operation is complete.
When the device is again selected (CE = VIL), active
operations occur in accordance with the AC timing
specifications.
Automatic Sleep Mode
Advanced power management features such as the
automatic sleep mode minimize Flash device energy
consumption. This is extremely impor tant in
battery-powered applications. The Am29LV008 auto-
matically enables the low-power, automatic sleep
mode when addresses remain stable for 200 ns. Auto-
matic sleep mode is independent of the CE, WE, and
OE control signals. Typical sleep mode current draw is
200 nA (for CMOS-compatible operation). Standard
address access timings provide new data when
addresses are changed. While in sleep mode, output
data is latched and always available to the system.
Output Disable
If the OE input is at a logic high level (VIH), output from
the device is disabled. This will cause the output pins to
be in a high impedance state.


Número de pieza similar - AM29LV008T-90RFI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120ECB AMD-AM29LV008BB-120ECB Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Descripción similar - AM29LV008T-90RFI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV008B AMD-AM29LV008B_06 Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com