Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL751L05QP Datasheet(PDF) 3 Page - Texas Instruments |
|
TL751L05QP Datasheet(HTML) 3 Page - Texas Instruments |
3 / 26 page www.ti.com Absolute Maximum Ratings (1) Package Thermal Data (1) Recommended Operating Conditions TL750L, TL751L SERIES LOW-DROPOUT VOLTAGE REGULATORS SLVS017T – SEPTEMBER 1987 – REVISED AUGUST 2007 over operating junction temperature range (unless otherwise noted) MIN MAX UNIT Continuous input voltage 26 V Transient input voltage(2) TA = 25°C 60 V Continuous reverse input voltage –15 V Transient reverse input voltage t ≤ 100 ms –50 V TJ Operating virtual junction temperature 150 °C Lead temperature 1,6 mm (1/16 in) for 10 s 260 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The transient input voltage rating applies to the waveform shown in Figure 1. PACKAGE BOARD θJC θJA PDIP (P) High K, JESD 51-7 57 °C/W 85 °C/W PowerFLEX™ (KTE) High K, JESD 51-5 3 °C/W 23 °C/W SOIC (D) High K, JESD 51-7 39 °C/W 97 °C/W TO-226/TO-92 (LP) High K, JESD 51-7 55 °C/W 140 °C/W TO-220 (KC) High K, JESD 51-5 3 °C/W 19 °C/W TO-220 (KCS) High K, JESD 51-5 3 °C/W 19 °C/W TO-252 (KVU) High K, JESD 51-5 – 30.3 °C/W TO-263 (KTT) High K, JESD 51-5 18 °C/W 25.3 °C/W (1) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. over recommended operating junction temperature range (unless otherwise noted) MIN MAX UNIT TL75xL05 6 26 TL75xL08 9 26 VI Input voltage V TL75xL10 11 26 TL75xL12 13 26 VIH High-level ENABLE input voltage TL75xLxx 2 15 V TJ = 25°C TL75xLxx –0.3 0.8 VIL (1) Low-level ENABLE input voltage V TJ = 0°C to 125°C TL75xLxx –0.15 0.8 IO Output current TL75xLxx 0 150 mA TJ Operating virtual junction temperature TL75xLxxC 0 125 °C (1) The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for ENABLE voltage levels and temperature only. 3 Submit Documentation Feedback |
Número de pieza similar - TL751L05QP |
|
Descripción similar - TL751L05QP |