Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STP10NK70ZFP Datasheet(PDF) 2 Page - STMicroelectronics |
|
STP10NK70ZFP Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 13 page 1 Electrical ratings STP10NK70Z - STP10NK70ZFP 2/13 1 Electrical ratings Table 1. Absolute maximum ratings Table 2. Thermal data Table 3. Avalanche characteristics Symbol Parameter Value Unit TO-220 TO-220FP VDS Drain-Source Voltage (VGS = 0) 700 V VDGR Drain-gate Voltage (RGS = 20kΩ) 700 V VGS Gate-Source Voltage ± 30 V ID Drain Current (continuous) at TC = 25°C 8.6 8.6 (Note 3) A ID Drain Current (continuous) at TC = 100°C 5.4 5.4 (Note 3) A IDM Note 2 Drain Current (pulsed) 34 34 (Note 3) A PTOT Total Dissipation at TC = 25°C 150 35 W Derating Factor 1.20 0.28 W/°C Vesd(G-S) G-S ESD (HBM C=100pF, R=1.5k Ω) 4000 V dv/dt Note 1 Peak Diode Recovery voltage slope 4.5 V/ns VISO Insulation Withstand Volatge (DC) -- 2500 V Tj Tstg Operating Junction Temperature Storage Temperature -55 to 150 °C TO-220 TO-220FP Unit Rthj-case Thermal Resistance Junction-case Max 0.83 3.6 °C/W Rthj-amb Thermal Resistance Junction-amb Max 62.5 °C/W Tl Maximum Lead Temperature For Soldering Purpose 300 °C Symbol Parameter Max Value Unit IAR Avalanche Current, repetitive or Not-Repetitive (pulse width limited by Tj max) 8.6 A EAS Single Pulse Avalanche Energy (starting Tj=25°C, ID=IAR, VDD= 50V) 350 mJ |
Número de pieza similar - STP10NK70ZFP_07 |
|
Descripción similar - STP10NK70ZFP_07 |