Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT1232 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de Pieza. CAT1232
Descripción  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

CAT1232 Datasheet(HTML) 4 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT1232, CAT1832
TYPICAL CHARACTERISTICS
For the CAT1232LP, VCC = 5V and TAMB = 25ºC unless otherwise stated.
Threshold Voltage vs. Temperature (10% TOL)
Threshold Voltage vs. Temperature (5% TOL)
4.610
4.615
4.620
4.625
4.630
-50
0
50
100
TEMPERATURE (ºC)
TOL = GND (5%)
4.430
4.435
4.440
4.445
4.450
-50
0
50
100
TEMPERATURE (°C)
TOL = Vcc (10%)
Supply Current vs. Temperature
Reset Active Time vs. Temperature
0
10
20
30
40
-50
0
50
100
TEMPERATURE (°C)
Vcc = 4.5V
Vcc = 5.5V
300
400
500
600
700
800
-50
0
50
100
TEMPERATURE (°C)
Vcc = 5.5V
Vcc = 4.5V
TD = open
Reset Active Time Waveform
Transient Response
Doc. No. MD-3018 Rev. D
4
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn