Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STE2004S Datasheet(Hoja de datos) 7 Page - STMicroelectronics

No. de Pieza. STE2004S
Descripción  102 x 65 single-chip LCD controller/driver
Descarga  79 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 7 page
background image
STE2004S
Pin description
7/79
Figure 2.
Chip mechanical drawing
STE2004S
COL
0
VLCDSENSE
(0,0)
X
Y
D/C
CS
RES
COL 101
COL 50
COL 51
OSC_OUT
MARK_1
MARK_4
MARK_3
MARK_2
D0
D1
D2
D3
D4
D5
D6
D7
VSSAUX
VSSAUX
E - WR
R/W - RD
LR0048
SDAOUT
SDIN - SDAIN
SCLK - SCL
SDOUT
SA1
SEL2
SEL3
VSSAUX
M/S
SA0
SEL1
VLCD
VSS
TEST_MODE
VDD1
VDD2
TEST VREF
FR_OUT
VSENSE_SLAVE
VDD1_AUX
OSC_IN
FR_IN
ROW 32
ROW 37
ROW 5
ROW 0
ROW64/ICON
ROW63
ROW60
ROW31
ROW28
ICON
EXT_SET




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LC7230Single-Chip PLL + Controller with LCD Driver 1 2 3 4 5 MoreSanyo Semicon Device
ST754968 x 102 Dot Matrix LCD Controller / Driver 1 List of Unclassifed Manufacturers
UPD7227CMOS Intelligent Dot-Matrix LCD Controller/Driver 1 2 3 4 5 MoreNEC
HD404829RAS Microcomputer Incorporating a LCD controller/Driver Circuit 1 2 3 4 5 MoreRenesas Technology Corp
LPC2478Single-chip 16-bit/32-bit micro; 512 kB flash ethernet CAN LCD USB 2.0 device/host/OTG external memory interface 1 2 3 4 5 MoreNXP Semiconductors
ICL7129_00Digit LCD Single-Chip A/D Converter 1 2 3 4 5 MoreIntersil Corporation
LC5850CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVER 1 2 3 4 5 MoreSanyo Semicon Device
NT7603Single-Chip 16Cx2L Dot-Matrix LCD Controller / Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VL-FS-MDLS16166D-07SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl