Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC70-6 Datasheet(PDF) 2 Page - Zetex Semiconductors

No. de pieza SC70-6
Descripción Electrónicos  Package information
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZETEX [Zetex Semiconductors]
Página de inicio  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

SC70-6 Datasheet(HTML) 2 Page - Zetex Semiconductors

  SC70-6 Datasheet HTML 1Page - Zetex Semiconductors SC70-6 Datasheet HTML 2Page - Zetex Semiconductors SC70-6 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Package information - SC70-6
Issue 2 - March 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Embossed carrier tape configuration
Figure 1 - rotational and lateral movement
Dimensions
mm (inches)
Tape size (mm)
8
121624
A0, B0, K0
See note*
NOTES:
* A0, B0 and K0 dimensions are determined with respect to EIA/JEDEC rotational and lateral movement requirements
(see fig. 1).
See note*
See note*
See note*
B1 (max.)
4.55 (0.179)
8.20 (0.323)
12.10 (0.476)
20.10 (0.791)
D
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
1.50 + 0.10 - 0.00
D1 (max.)
1.00 (0.039)
1.50 (0.059)
1.50 (0.059)
1.50 (0.059)
E
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
1.75 ± 0.10
F
3.50 ± 0.10
(0.138 ± 0.004)
5.50 ± 0.05
(0.217 ± 0.002)
7.50 ± 0.10
(0.295 ± 0.004)
11.50 ± 0.10
(0.453 ± 0.004)
P
4.00 ±0.10
(0.157 ± 0.004)
4.00 ±0.10
(0.157 ± 0.004)
8.00 ±0.10
(0.315 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
8.00 ±0.10
(0.315 ± 0.004)
12.00 ± 0.10
(0.472 ± 0.004)
4.00 ± 0.10
(0.157 ± 0.004)
to 20.00 ± 0.10
(0.787 ± 0.004)
in 4.00 (0.157)
increments
P0
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
4.00 ± 0.10
P2
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
2.00 ± 0.05
t (max.)
0.40
0.40
0.40
0.40
W
8.00 (0.315)
12.00 ± 0.30
(0.472 ± 0.012)
16.30 (0.642)
24.30 (0.957)
D
K
t
P0
P2
A0
B0
P
Center lines
of cavity
10 pitches culmulative
tolerance on tape
±0.2mm (±0.008”)
User direction of feed
Embossment
Top cover
tape
K0
B1
See Note 1
See Note 1
See Note 1
D1
W
F
E
20° maximum
0.5mm
maximum
0.5mm
maximum
Sketch A (top view)
Component lateral movement
Component
cavity
center line
20° maximum
Component
center line
B0
A0
Sketch C (top view)
Component rotation - top view
Sketch B (side or front sectional view)
Component rotation - side view


Número de pieza similar - SC70-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
SC70-6 GMT-SC70-6 Datasheet
123Kb / 1P
   Package Outline
logo
Wurth Elektronik GmbH &...
SC70-6L WURTH-SC70-6L Datasheet
235Kb / 5P
   TVS Diode Array WE-TVS
SC70-6L WURTH-SC70-6L Datasheet
230Kb / 5P
   TVS Diode Array WE-TVS
More results

Descripción similar - SC70-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ULN-2001 ETC2-ULN-2001 Datasheet
1Mb / 42P
   PACKAGE INFORMATION
logo
Texas Instruments
TPS51620RHARG4 TI-TPS51620RHARG4 Datasheet
478Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51620RHAR TI-TPS51620RHAR Datasheet
484Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51621 TI1-TPS51621 Datasheet
1Mb / 13P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51620RHATG4 TI1-TPS51620RHATG4 Datasheet
484Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS59611 TI1-TPS59611 Datasheet
1Mb / 17P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS59621 TI1-TPS59621 Datasheet
1Mb / 18P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS59611RHBR TI-TPS59611RHBR Datasheet
1Mb / 17P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
logo
Zetex Semiconductors
MLP832 ZETEX-MLP832 Datasheet
185Kb / 3P
   Package information - MLP832
logo
Texas Instruments
TPS51620 TI1-TPS51620 Datasheet
563Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com