Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPM-5101WG Datasheet(PDF) 3 Page - Optoway Technology Inc |
|
SPM-5101WG Datasheet(HTML) 3 Page - Optoway Technology Inc |
3 / 4 page Optoway SPM-5101WG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2005 V3.0 3 CONNECTION DIAGRAM PIN Signal Name Description PIN Signal Name Description 1 TX GND Transmitter Ground 11 RX GND Receiver Ground 2 TX Fault Transmitter Fault Indication 12 RX DATA OUT- Inverse Receiver Data Out 3 TX Disable Transmitter Disable (Module disables on high or open) 13 RX DATA OUT+ Receiver Data Out 4 MOD-DFE2 Modulation Definition 2 – Two wires serial ID Interface 14 RX GND Receiver Ground 5 MOD-DEF1 Modulation Definition 1 – Two wires serial ID Interface 15 Vcc RX Receiver Power – 3.3V±5% 6 MOD-DEF0 Modulation Definition 0 – Ground in Module 16 Vcc TX Transmitter Power – 3.3V±5% 7 N/C Not Connected 17 TX GND Transmitter Ground 8 LOS Loss of Signal 18 TX DATA IN+ Transmitter Data In 9 RX GND Receiver Ground 19 TX DATA IN- Inverse Transmitter Data In 10 RX GND Receiver Ground 20 TX GND Transmitter Ground Module Definition Module Definition MOD-DEF2 PIN 4 MOD-DEF1 PIN 5 MOD-DEF0 PIN 6 Interpretation by Host 4 SDA SCL LV-TTL Low Serial module definition protocol Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components. |
Número de pieza similar - SPM-5101WG |
|
Descripción similar - SPM-5101WG |