Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM13305-25ARZ1 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADM13305-25ARZ1
Descripción Electrónicos  Dual Processor Supervisors with Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM13305-25ARZ1 Datasheet(HTML) 4 Page - Analog Devices

  ADM13305-25ARZ1 Datasheet HTML 1Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 2Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 3Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 4Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 5Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 6Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 7Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 8Page - Analog Devices ADM13305-25ARZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM13305
Rev. 0 | Page 4 of 12
VDD = 2.7 V to 5.5 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 2. ADM13305-4 and ADM13305-5
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING VOLTAGE RANGE, VDD
2.7
5.5
V
SUPPLY CURRENT, IDD
40
μA
INPUT CAPACITANCE, CI
10
pF
VI = 0 V to VDD
RESET, RESET OUTPUT
High-Level Output Voltage, VOH
VDD − 0.2
V
IOH = −20 μA
VDD − 0.4
V
IOH = −2 mA, VDD = 3.3 V
VDD − 0.4
V
IOH = −3 mA, VDD = 5.5 V
Low-Level Output Voltage, VOL
0.2
V
IOH = 20 μA
0.4
V
IOH = 2 mA, VDD = 3.3 V
0.4
V
IOH = 3 mA, VDD = 5.5 V
Power-Up Reset Voltage1
0.4
V
IOH = 20 μA, VDD ≥ 1.1 V
SENSEv INPUTS
Falling Input Threshold Voltage, VIT−
0.5952
0.6
0.6048
V
TA = −40°C to +85°C
2.23
2.25
2.29
V
TA = −40°C to +85°C
2.90
2.93
2.98
V
TA = −40°C to +85°C
Hysteresis at SENSEv Inputs, VHYS
0
mV
VIT− = 0.6 V
20
mV
VIT− = 2.25 V
30
mV
VIT− = 2.93 V
WDI
Average High Level Input Current, IH(AV)
100
150
μA
WDI = VDD = 5.5 V
Average Low Level Input Current, IL(AV)
−15
−20
μA
WDI = 0 V, VDD = 5.5 V
INPUT VOLTAGE AT MR AND WDI
High Level, VIH
0.7 × VDD
V
Low Level, VIL
0.3 × VDD
V
INPUT TRANSITION RISE AND FALL RATE AT MR
50
ns/V
HIGH LEVEL INPUT CURRENT, IH
WDI
120
170
μA
WDI = VDD = 5.5 V
MR
−130
−180
μA
MR = 0.7 × VDD, VDD = 5.5 V
SENSE1
5
8
μA
SENSE1 = VDD = 5.5 V
SENSE2
−50
+50
nA
SENSE2 = VDD = 5.5 V
LOW LEVEL INPUT CURRENT, IL
WDI
−120
−170
μA
WDI = 0 V, VDD = 5.5 V
MR
−430
−600
μA
MR = 0 V, VDD = 5.5 V
SENSEv
−1
+1
μA
SENSE1, SENSE2 = 0 V
1 The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 μs/V.


Número de pieza similar - ADM13305-25ARZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
More results

Descripción similar - ADM13305-25ARZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com