Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM13305-25ARZ-RL71 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADM13305-25ARZ-RL71
Descripción Electrónicos  Dual Processor Supervisors with Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM13305-25ARZ-RL71 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM13305-25ARZ-RL71 Datasheet HTML 4Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 5Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 6Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 7Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 8Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 9Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 10Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 11Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM13305
Rev. 0 | Page 10 of 12
THEORY OF OPERATION
The ADM13305 is a dual voltage supervisor designed to
monitor two supplies and provide a reset signal to DSP and
microprocessor-based systems.
There are five models available, all of which feature a combina-
tion of internally pretrimmed undervoltage threshold options
for monitoring 1.8 V, 2.5 V, 3.3 V, and 5 V supplies. There is also
an adjustable input option with an undervoltage threshold of 0.6 V.
The ADM13305-18, ADM13305-25, and ADM13305-33 have
two internally fixed thresholds, while the ADM13305-4 and
ADM13305-5 offer one internally fixed threshold and one
externally programmable threshold via a resistor string. See
the Ordering Guide for a list of all available options.
INPUT CONFIGURATION
The ADM13305 is powered through VDD. To increase noise
immunity in noisy applications, place a 0.1 μF capacitor
between the VDD input and ground.
The SENSEv inputs are resistant to short power supply glitches.
Do not allow an unused SENSEv input to float or to be grounded,
instead connect it to a supply voltage greater than its specified
threshold voltage.
Typically, the threshold voltage at each adjustable SENSEv input
is 0.6 V. To monitor a voltage greater than 0.6 V, connect a resistor
divider network to the device as depicted in Figure 13, where,
+
=
R2
R2
R1
V
MONITERED
V
6
.
0
R1
R2
MONITORED VOLTAGE
VREF = 0.6V
Figure 13. Setting the Adjustable Monitor
RESET OUTPUT
The reset outputs are guaranteed to be in the correct state for
VDD down to 1.1 V. During power-up, RESET is asserted when
the supply voltage becomes greater than 1.1 V.
SENSEv
V(NOM)
0
1
VIT–
RESET
td
td
t
t
Figure 14. Reset Timing Diagram
Once the supplies monitored at the SENSEv pins rise above
their associated threshold level, the RESET signal remains low
for the reset timeout period before deasserting. Subsequently, if
either of the supplies monitored by the SENSEv pins falls below
its associated threshold the RESET output reasserts.
The ADM13305 features both an active-low, push-pull RESET
output and an active-high, push-pull RESET output.
WATCHDOG TIMER
The ADM13305 features a watchdog timer that monitors
microprocessor activity. A timer circuit is cleared with every
low-to-high or high-to-low logic transition on the watchdog
input pin (WDI). If the timer counts through the preset
watchdog timeout period of 1.6 sec, RESET is asserted, as
shown in
.
Figure 15
The microprocessor is required to toggle the WDI pin to avoid
being reset. Therefore, failure of the microprocessor to toggle
WDI within the timeout period indicates a code execution error
and the reset pulse generated restarts the microprocessor in a
known state. The watchdog timer can be disabled by leaving
WDI floating.
0
1
RESET
0
1
WDI
tWD
td
t
t
Figure 15. Watchdog Timing Diagram


Número de pieza similar - ADM13305-25ARZ-RL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
More results

Descripción similar - ADM13305-25ARZ-RL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com