Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103AWS-G Datasheet(PDF) 1 Page - Sensitron

No. de pieza SD103AWS-G
Descripción Electrónicos  SCHOTTKY BARRIER SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSITRON [Sensitron]
Página de inicio  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD103AWS-G Datasheet(HTML) 1 Page - Sensitron

  SD103AWS-G Datasheet HTML 1Page - Sensitron SD103AWS-G Datasheet HTML 2Page - Sensitron SD103AWS-G Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AWS-G - SD103CWS-G
SCHOTTKY BARRIER SWITCHING DIODE
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
Negligible Reverse Recovery Time
·
Low Reverse Capacitance
·
Ultra-Small Surface Mount Package
·
Case: SOD-323, Plastic
·
Polarity: Cathode Band
·
Leads: Solderable per MIL-STD-202,
Method 208
·
SD103AWS-G Marking: S4
·
SD103BWS-G Marking: S5 or S4
·
SD103CWS-G Marking: S6 or S5 or S4
·
Weight: 0.004 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that leads are kept at ambient temperature.
2. Test period <3000ms.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note 1)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current @ t £ 1.0s
IFSM
1.5
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
SD103AWS-G
SD103BWS-G
SD103CWS-G
V(BR)R
40
30
20
¾¾
V
IR = 10mA
IR = 10mA
IR = 10mA
Forward Voltage Drop
VFM
¾¾
0.37
0.60
V
IF = 20mA
IF = 200mA
Peak Reverse Current
SD103AWS-G
SD103BWS-G
SD103CWS-G
IRM
¾¾
5.0
mA
VR = 30V
VR = 20V
VR = 10V
Junction Capacitance
Cj
¾
50
¾
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
10
¾
ns
IF = IR = 200mA,
Irr = 0.1 x IR,RL = 100W
A B
C
D
E
G
H
J

 

 




SENSITRON
SEMICONDUCTOR
Data Sheet 3331, Rev. -
SOD-323
Dim
Min
Max
Min
Max
A
2.30
2.70 0.091 0.106
B
1.75
1.95 0.069 0.077
C
1.15
1.35 0.045 0.053
D
0.25
0.35 0.010 0.014
E
0.05
0.15 0.002 0.006
G
0.70
0.95 0.028 0.037
H
0.30
0.012
In mm
In inch

•   !  ! !!"#$•
• %&'(&)*+,,---. &  ./0•12&%# %3 &  ./0•

Characteristic
Symbol
SD103AWS-G
SD103BWS-G
SD103CWS-G
Unit
Green Products
Green Products in Compliance with the RoHS Directive
Features


Número de pieza similar - SD103AWS-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD103AWS-G VISHAY-SD103AWS-G Datasheet
81Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 21-Nov-13
SD103AWS-G3-08 VISHAY-SD103AWS-G3-08 Datasheet
81Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 21-Nov-13
SD103AWS-G3-18 VISHAY-SD103AWS-G3-18 Datasheet
81Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 21-Nov-13
More results

Descripción similar - SD103AWS-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
SD103AW TSC-SD103AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com