Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V18AUMLA1206 Datasheet(PDF) 6 Page - Littelfuse

No. de pieza V18AUMLA1206
Descripción Electrónicos  Multilayer Transient Voltage Surge Suppressor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18AUMLA1206 Datasheet(HTML) 6 Page - Littelfuse

  V18AUMLA1206_06 Datasheet HTML 1Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 2Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 3Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 4Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 5Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 6Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 7Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 8Page - Littelfuse V18AUMLA1206_06 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
192
www .littelfuse .com
Multilayer Transient Voltage Surge Suppressor
AUML Varistor Series
Soldering Recommendations
Lead (Pb) Soldering Recommendations
The principal techniques used for the soldering of components in surface
mount technology are IR Re-flow & Wave soldering. Typical profiles are
shown in Figures 8 & 9
The recommended solder for the ML suppressor is a 62/36/2 (Sn/Pb/Ag),
60/40 (Sn/Pb) or 63/37 (Sn/Pb). Littelfuse also recommends an RMA
solder flux.
Wave soldering is the most strenuous of the processes. To avoid the
possibility of generating stresses due to thermal shock, a preheat stage
in the soldering process is recommended, and the peak temperature of
the solder process should be rigidly controlled.
When using a reflow process, care should be taken to ensure that the
ML chip is not subjected to a thermal gradient steeper than 4 degrees
per second; the ideal gradient being 2 degrees per second. During the
soldering process, preheating to within 100 degrees of the solderís peak
temperature is essential to minimize thermal shock.
Once the soldering process has been completed, it is still necessary to
ensure that any further thermal shocks are avoided. One possible cause
of thermal shock is hot printed circuit boards being removed from the
solder process and subjected to cleaning solvents at room temperature.
The boards must be allowed to cool gradually to less than 50˚C before
cleaning.
Lead-Free (Pb-free) Soldering Recommendations
Littelfuse offers the Nickel-Barrier termination finish for the optimum Pb-
free solder performance.
The preferred solder is 96.5/3.0/0.5 (SnAgCu) with an RMA flux, but
there is a wide selection of pastes & fluxes available with which the nick-
el barrier parts should be compatible.
The reflow profile must be constrained by maximums shown in Figure10.
For Pb-free Wave soldering, Figure 9 still applies.
Note: the Pb-free paste, flux & profile were used for evaluation purposes
by Littelfuse, based upon industry standards & practices. There are
multiple choices of all three available, it is advised that the customer
explores the optimum combination for their process as processes vary
considerably from site to site.
FIGURE 8. REFLOW SOLDER PROFILE
FIGURE 9. WAVE SOLDER PROFILE
TIME (MINUTES)
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
MAXIMUM WAVE 260
oC
SECOND PREHEAT
FIRST PREHEAT
230
RoHS
FIGURE 10. LEAD-FREE RE-FLOW SOLDER PROFILE
5.0
6.0
7.0
MAXIMUM TEMPERATURE 260˚C
20 - 40 SECONDS WITHIN 5˚C
PREHEAT ZONE
RAMP RATE
<3˚C/s
60 - 150 SEC
> 217˚C


Número de pieza similar - V18AUMLA1206_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
805Kb / 7P
   Surface Mount Multilayer Varistors (MLVs) > AUML Series
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
219Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > AUML Series
V18AUMLA1206 LITTELFUSE-V18AUMLA1206 Datasheet
666Kb / 7P
   Surface Mount Multilayer Varistors (MLVs) > AUML Series
More results

Descripción similar - V18AUMLA1206_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
MHS LITTELFUSE-MHS Datasheet
305Kb / 4P
   Multilayer High Speed Transient Voltage Surge Suppressor
MLN LITTELFUSE-MLN Datasheet
170Kb / 7P
   Multiline Transient Voltage Surge Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com