Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8513IDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8513IDW
Descripción Electrónicos  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8513IDW Datasheet(HTML) 2 Page - Texas Instruments

  ADS8513IDW Datasheet HTML 1Page - Texas Instruments ADS8513IDW Datasheet HTML 2Page - Texas Instruments ADS8513IDW Datasheet HTML 3Page - Texas Instruments ADS8513IDW Datasheet HTML 4Page - Texas Instruments ADS8513IDW Datasheet HTML 5Page - Texas Instruments ADS8513IDW Datasheet HTML 6Page - Texas Instruments ADS8513IDW Datasheet HTML 7Page - Texas Instruments ADS8513IDW Datasheet HTML 8Page - Texas Instruments ADS8513IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
ADS8513
SLAS486 – JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION
MINIMUM
NO
MINIMUM
SPECIFICATION
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
INL
MISSING
SINAD
TEMPERATURE
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
(LSB)
CODE
(dB)
RANGE
ADS8513IBDW
Tube, 20
ADS8513IB
±1.5
16
89.9
-40
°C to 85°C
SO-16
DW
ADS8513IBDWR
Tape and Reel, 1000
ADS8513IDW
Tube, 20
ADS8513I
±3
15
88
-40
°C to 85°C
SO-16
DW
ADS8513IDWR
Tape and Reel, 1000
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
R1IN
±25 V
R2IN
±25 V
Analog inputs
R3IN
±25 V
REF
+VANA + 0.3 V to AGND2 - 0.3 V
DGND, AGND, GND
±0.3 V
+VA, VS
6 V
Ground voltage differences
+VBD to +VA
0.3 V
+VBD
6 V
Digital inputs
-0.3 V to +VDIG + 0.3 V
Maximum junction temperature
165
°C
Storage temperature range
–65
°C to 150°C
Internal power dissipation
700 mW
Lead temperature (soldering, 1.6 mm from case 10 seconds)
260
°C
(1)
All voltage values are with respect to network ground terminal.
At TA = -40°C to 85°C, fS = 40 kHz, +VA = +VBD = 5 V or VS = 5 V, and using internal reference and fixed resistors, unless
otherwise specified.
ADS8513I
ADS8513IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
16
16
Bits
ANALOG INPUT
Voltage ranges (see Table 1)
V
Impedance
Capacitance
45
45
pF
THROUGHPUT SPEED
Conversion time
20
20
μs
Complete cycle
Acquire and convert
25
25
Throughput rate
40
40
kHz
DC ACCURACY
INL
Integral linearity error
-3
3
-1.5
1.5
LSB(1)
DNL
Differential linearity error
-2
2
-1
1
LSB
No missing codes
15
16
Bits
(1)
LSB means Least Significant Bit. One LSB for the ±10 V input range is 305
μV.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513


Número de pieza similar - ADS8513IDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8513IDW TI1-ADS8513IDW Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IDWG4 TI1-ADS8513IDWG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IDWR TI1-ADS8513IDWR Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IDWRG4 TI1-ADS8513IDWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Descripción similar - ADS8513IDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com